Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZW50-33B Datasheet(PDF) 4 Page - STMicroelectronics

Part # BZW50-33B
Description  Transil?? transient voltage surge suppressor (TVS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50-33B Datasheet(HTML) 4 Page - STMicroelectronics

  BZW50-33B Datasheet HTML 1Page - STMicroelectronics BZW50-33B Datasheet HTML 2Page - STMicroelectronics BZW50-33B Datasheet HTML 3Page - STMicroelectronics BZW50-33B Datasheet HTML 4Page - STMicroelectronics BZW50-33B Datasheet HTML 5Page - STMicroelectronics BZW50-33B Datasheet HTML 6Page - STMicroelectronics BZW50-33B Datasheet HTML 7Page - STMicroelectronics BZW50-33B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
BZW50
4/8
Doc ID 2973 Rev 5
Figure 3.
Peak power dissipation vs. initial
junction temperature
(printed circuit board)
Figure 4.
Peak pulse power vs. exponential
pulse duration
0
0
20
40
60
80
100
20
40
60
80
100 120 140 160 180 200
%
Tj initial(°C)
0.001
0.01
0.1
1
10
100
1E2
1E3
1E4
1E5
1E6
1E7
Pp (W)
p
tp(ms)EXPO.
Tj initial(°C)
Figure 5.
Clamping voltage vs. peak pulse
current(1)
Figure 6.
Capacitance vs. reverse applied
voltage for unidirectional types
(typical values).
1.
The curves in Figure 5 are specified for a junction temperature of 25 °C before surge. The given results may be
extrapolated for other junction temperatures by using the following formula:
V
BR = T x [Tamb -25] x VBR(25 °C)
For intermediate voltages, extrapolate the given results.
0.1
1
10
100
1000
10000
10
100
1000
VCL
Ipp (A)
V
(V)
CL
Ipp (A)
BZW50-180
BZW50- 82
BZW50- 82
BZW50- 82
BZW50- 39
BZW50- 12
BZW50- 18
BZW50- 12
BZW50- 10
t
%Ipp
100
50
0
t r
t< 10
s
r
t
t
%Ipp
100
50
0
t r
t< 10
s
r
tp
Tj initial(°C)
C(nF)
110
100
1
10
100
V(V)
R
BZW 50-39
BZW 50-82
BZW 50-18
0
BZW 50-10
BZW 50-18
0.1
500
Tj= 25 °C
F = 1 MHz
Figure 7.
Capacitance vs. reverse applied
voltage for bidirectional types
(typical values)
Figure 8.
Peak forward voltage drop vs. peak
forward current for unidirectional
types (typical value).(1)
1.
Multiply by 2 for units with VBR > 220 V.
C(nF)
110
100
1
10
100
V(V)
R
0.1
500
BZW 50-18
0B
BZW 50-39B
BZW 50-82B
BZW 50-10B
BZW 50-18B
Tj= 25 °C
F = 1 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com