Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD488588FF Datasheet(PDF) 22 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 22 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 18Page - Elpida Memory PD488588FF Datasheet HTML 19Page - Elpida Memory PD488588FF Datasheet HTML 20Page - Elpida Memory PD488588FF Datasheet HTML 21Page - Elpida Memory PD488588FF Datasheet HTML 22Page - Elpida Memory PD488588FF Datasheet HTML 23Page - Elpida Memory PD488588FF Datasheet HTML 24Page - Elpida Memory PD488588FF Datasheet HTML 25Page - Elpida Memory PD488588FF Datasheet HTML 26Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
22
µµµµPD488588FF-C80-40
Figure 10-3 shows examples of the PRER-to-PRER (RR13, RR14) and PRER-to-ACT (RR9, RR10) command
spacings from Table 6-1. The RR15 and RR16 cases (PRER-to-PRER to same or adjacent banks) are not shown,
but are similar to RR14. In general, the commands in ROW packets may be spaced an interval tPACKET apart unless
they are directed to the same or adjacent banks or unless they are a similar command type (both PRER or both ACT)
directed to the same device.
Figure 10-3 Row Packet Example
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
PRER a0
ACT b0
tPACKET
PRER c0
tPP
a0 = {Da,Ba,Ra}
b0 = {Db,Bb,Rb}
c0 = {Da,Bc,Rc}
Different Device
Any Bank
Same Device
Non-adjacent Bank
RR13
RR14
PRER a0
PRER a0
PRER b0
ACT c0
tPACKET
tPACKET
b0 = {Db,Bb,Rb}
c0 = {Da,Bc,Rc}
Different Device
Any Bank
Same Device
Non-adjacent Bank
RR9
RR10
PRER a0
c0 = {Da,Ba,Rc}
Same Device
Ajacent Bank
RR15
c0 = {Da,Ba+1Rc}
Same Device
Same Bank
RR16
11. Row and Column Cycle Description
Activate: A row cycle begins with the activate (ACT) operation. The activation process is destructive; the act of
sensing the value of a bit in a bank’s storage cell transfers the bit to the sense amp, but leaves the original bit in the
storage cell with an incorrect value.
Restore: Because the activation process is destructive, a hidden operation called restore is automatically performed.
The restore operation rewrites the bits in the sense amp back into the storage cells of the activated row of the bank.
Read/Write: While the restore operation takes place, the sense amp may be read (RD) and written (WR) using
column operations. If new data is written into the sense amp, it is automatically forwarded to the storage cells of the
bank so the data in the activated row and the data in the sense amp remain identical.
Precharge: When both the restore operation and the column operations are completed, the sense amp and bank are
precharged (PRE). This leaves them in the proper state to begin another activate operation.
Intervals: The activate operation requires the interval tRCD,MIN to complete. The hidden restore operation requires the
interval tRAS,MIN - tRCD,MIN to complete. Column read and write operations are also performed during the tRAS,MIN -
tRCD,MIN interval (if more than about four column operations are performed, this interval must be increased). The
precharge operation requires the interval tRP,MIN to complete.
Adjacent Banks: An RDRAM with a “s” designation (512K x 18 x 32s) indicates it contains “split banks”. This means
the sense amps are shared between two adjacent banks. The only exception is that sense amp 0, 15, 30, and 31 are
not shared. When a row in a bank is activated, the two adjacent sense amps are connected to (associated with) that
bank and are not available for use by the two adjacent banks. These two adjacent banks must remain precharged
while the selected bank goes through its activate, restore, read/write, and precharge operations.
For example (referring to the block diagram), if bank 5 is accessed, sense amp 4/5 and sense amp 5/6 will both be
loaded with one of the 512 rows (with 1,024 bytes loaded into each sense amp from the 2K byte row – 512 bytes to
the DQA side and 512 bytes to the DQB side). While this row from bank 5 is being accessed, no rows may be
accessed in banks 4 or 6 because of the sense amp sharing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com