Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM73A89B Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM73A89B
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73A89B Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM73A89B Datasheet HTML 17Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 18Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 19Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 20Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 21Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 22Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 23Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 24Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
21
* This specification are subject to be changed without notice.
EM73A89B
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.16.2001
Preliminary
Internal pulse
TimerB(TimerA) value
n
n+1
n+2
n+3
n+4
n+5
P8.1/TRGB(P8.3/TRGA)
PROGRAM EXAMPLE: To generate TRGA interrupt request after 60 ms with system clock LXlN=32KHz
LDIA
#0100B
;
EXAE
; enable mask 2
EICIL
110111b
; interrupt latch ←0, enable EI
LDIA
#0Ah;
STATAL;
LDIA
#00h;
STATAM;
LDIA
#0Fh;
STATAH;
LDIA
#1000B;
OUTA
P28
; enable timerA with internal pulse rate: LXIN/23 Hz
NOTE: The preset value of timer/counter register is calculated as following procedure.
Internal pulse rate: LXIN/23 ; LXIN = 32KHz
The time of timer counter count one = 23 /LXIN = 8/32768=0.244ms
The number of internal pulse to get timer overflow = 60 ms/0.244ms = 245.901= 0F6h
The preset value of timer/counter register = 1000h - 0F6h = F0Ah
PULSE WIDTH MEASUREMENT MODE
Under the pulse width measurement mode, the counter is incresed at the rising edge of internal pulse during
external timer/counter input (P8.1/TRGB, P8.3/TRGA) in high level, interrupt request is generated as soon as
timer/counter count overflow.
PROGRAM EXAMPLE: Enable timerA by pulse width measurement mode.
LDIA
#1100b ;
OUTA
P28
; Enable timerA with pulse width measurement mode.
TIMER MODE
Under timer mode, the timer/counter is increased by one at any rising edge of internal pulse. User can choose
up to 4 types of internal pulse rate by setting IPSB for timerB (IPSA for timerA).
When timer/counter counts overflow, an interrupt request will be sent to interrupt control unit.
Internal pulse
TimerB (TimerA )value
n
n+1
n+2
n+3
n+4
n+5
n+6
n+7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com