Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM73P362 Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM73P362
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362 Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM73P362 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
15
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
The timing generator produces the system clock from basic clock pulse which can be normal mode or slow
mode clock.
1 instruction cycle = 4 basic clock pulses
There are 22 stages time base.
When working in the single clock mode, the timebase clock source is come from fc.
Time base provides basic frequency for following function:
1. TBI (time base interrupt).
2. Timer/counter, internal clock source.
3. Warm-up time for STOP - mode releasing.
TIME BASE INTERRUPT (TBI)
TIME BASE INTERRUPT (TBI)
TIME BASE INTERRUPT (TBI)
TIME BASE INTERRUPT (TBI)
TIME BASE INTERRUPT (TBI)
The time base can be used to generate a fixed frequency interrupt. There are 8 kinds of frequencies can be
selected by setting "P25"
Single clock mode
P25
3
210( initial value 0000 )
0 0 x x: Interrupt disable
0 1 0 0: Interrupt frequency XIN / 29 Hz
0 1 0 1: Interrupt frequency XIN / 210 Hz
0 1 1 0: Interrupt frequency XIN / 212 Hz
0 1 1 1: Interrupt frequency XIN / 213 Hz
1 1 0 0: Interrupt frequency XIN / 214 Hz
1 1 0 1: Interrupt frequency XIN / 215 Hz
1 1 1 0: Interrupt frequency XIN / 216 Hz
1 1 1 1: Interrupt frequency XIN / 217 Hz
1 0 x x: Reserved
fc
Prescaler
Binary counter
12
3
0
5
6 7
8
9 10 11 12 13
421
20
19
18
17
16
15
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com