Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMLT8099 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLT8099
Description  SURFACE MOUNT SILICON UNI-DIRECTIONAL 5.0 VOLT, 4-LINE TVS ARRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT8099 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLT8099 Datasheet HTML 1Page - Central Semiconductor Corp CMLT8099 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLT8099
SURFACE MOUNT SILICON
DUAL NPN TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLT8099
consists of two individual, isolated 8099 NPN silicon
transistors, manufactured by the epitaxial planar
process and epoxy molded in an SOT-563 surface
mount package. This device has been designed for
small signal general purpose amplifier applications.
MARKING CODE: C89
SOT-563 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
6.0
V
Continous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
0.1
μA
IEBO
VBE=6.0V
0.1
μA
BVCBO
IC=100μA
80
V
BVCEO
IC=10mA
80
V
BVEBO
IE=10μA
6.0
V
VCE(SAT)
IC=100mA, IB=5.0mA
0.4
V
VCE(SAT)
IC=100mA, IB=10mA
0.3
V
VBE(ON)
VCE=5.0V, IC=10mA
0.6
0.8
V
hFE
VCE=5.0V, IC=1.0mA
100
300
hFE
VCE=5.0V, IC=10mA
100
hFE
VCE=5.0V, IC=100mA
75
fT
VCE=5.0V, IC=10mA, f=100MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
6.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
25
pF
APPLICATIONS:
• Small signal general purpose amplifiers
FEATURES:
• Device is Halogen Free by design
• Current IC=500mA
• Voltage VCEO=80V
R2 (12-February 2014)
www.centr a lsemi.com


Similar Part No. - CMLT8099

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT8099M CENTRAL-CMLT8099M Datasheet
678Kb / 2P
SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CMLT8099M CENTRAL-CMLT8099M_15 Datasheet
609Kb / 3P
SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
CMLT8099 CENTRAL-CMLT8099_15 Datasheet
512Kb / 3P
SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
More results

Similar Description - CMLT8099

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMNTVS12V CENTRAL-CMNTVS12V Datasheet
1,000Kb / 3P
SURFACE MOUNT UNI-DIRECTIONAL 12 VOLT SILICON QUAD TVS ARRAY
CMNTVS5V0 CENTRAL-CMNTVS5V0 Datasheet
954Kb / 3P
SURFACE MOUNT SILICON UNI-DIRECTIONAL 5.0 VOLT, 4-LINE TVS ARRAY
logo
Applied Power Microelec...
ASM05 APMICRO-ASM05 Datasheet
520Kb / 5P
2-Line Uni-directional TVS Diode Array
ASM07 APMICRO-ASM07 Datasheet
675Kb / 5P
2-Line Uni-directional TVS Diode Array
logo
Central Semiconductor C...
CPZ33R-CMNTVS12V CENTRAL-CPZ33R-CMNTVS12V Datasheet
621Kb / 5P
4-Line Uni-Directional TVS Array Die 12 Volt
R1 27-September 2018
CPZ36R-CMATVS5V0 CENTRAL-CPZ36R-CMATVS5V0 Datasheet
704Kb / 4P
Uni-Directional TVS Die 5.0 Volt
R0 28-October 2016
CPZ39R-CMNTVS5V0 CENTRAL-CPZ39R-CMNTVS5V0 Datasheet
654Kb / 5P
4-Line Uni-Directional TVS Array Die 5.0 Volt
R0 17-February 2017
CPZ40R-CMO5V0LC CENTRAL-CPZ40R-CMO5V0LC Datasheet
646Kb / 5P
Low Capacitance Uni-Directional TVS Die 5.0 Volt
R1 24-September 2019
CPZ40X-CMO5V0LC CENTRAL-CPZ40X-CMO5V0LC Datasheet
646Kb / 5P
Low Capacitance Uni-Directional TVS Die 5.0 Volt
R0 17-February 2017
logo
TECH PUBLIC Electronics...
TP1065-06F TECHPUBLIC-TP1065-06F Datasheet
1Mb / 4P
Uni-directional 6-Line TVS Dioed Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com