Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S0640EB Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # S0640EB
Description  SIDACtor Protection Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

S0640EB Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  S0640EB Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD S0640EB Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD S0640EB Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD S0640EB Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD S0640EB Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD S0640EB Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Electrical Characteristics
Part Number
Marking
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
IS
IT
VT
@IT=2.2Amps
Capacitance
@1MHz,2V bias
V min
V max
mA min
mA max
A max
Vmax
pF
S0080EA
S0080EA
6
25
50
800
2.2
4
45
S0300EA
S0300EA
25
40
50
800
2.2
4
45
S0640EA
S0640EA
58
77
150
800
2.2
4
35
S0720EA
S0720EA
65
88
150
800
2.2
4
50
S0900EA
S0900EA
75
98
150
800
2.2
4
40
S1100EA
S1100EA
90
130
150
800
2.2
4
35
S1300EA
S1300EA
120
160
150
800
2.2
4
35
S1500EA
S1500EA
140
180
150
800
2.2
4
40
S1800EA
S1800EA
170
220
150
800
2.2
4
40
S2100EA
S2100EA
180
240
150
800
2.2
4
40
S2300EA
S2300EA
190
260
150
800
2.2
4
45
S2600EA
S2600EA
220
300
150
800
2.2
4
35
S3100EA
S3100EA
275
350
150
800
2.2
4
35
S3500EA
S3500EA
320
400
150
800
2.2
4
30
S0080EB
S0080EB
6
25
50
800
2.2
4
60
S0300EB
S0300EB
25
40
50
800
2.2
4
65
S0640EB
S0640EB
58
77
150
800
2.2
4
45
S0720EB
S0720EB
65
88
150
800
2.2
4
45
S0900EB
S0900EB
75
98
150
800
2.2
4
40
S1100EB
S1100EB
90
130
150
800
2.2
4
40
S1300EB
S1300EB
120
160
150
800
2.2
4
40
S1500EB
S1500EB
140
180
150
800
2.2
4
35
S1800EB
S1800EB
170
220
150
800
2.2
4
65
S2100EB
S2100EB
180
240
150
800
2.2
4
60
2
Table continues on next page
Revised:February 25,2014
www.huaandz.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com