Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5542IPAPRG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5542IPAPRG4
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5542IPAPRG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5542IPAPRG4 Datasheet HTML 11Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 12Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 13Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 14Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 15Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 16Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 17Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 18Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
www.ti.com
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
Code
0
2048
4096
6144
12288 14336
8192 10240
16384
f
IN = 10MHz
A
IN = −0.5dBFS
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
Code
0
2048
4096
6144
12288 14336
8192 10240
16384
f
IN = 10MHz
A
IN = −0.5dBFS
100
95
90
85
80
75
70
65
60
0
50
100
150
200
250
300
Frequency
− MHz
76
75
74
73
72
71
70
69
68
67
0
50
100
150
200
250
300
Frequency
− MHz
100
95
90
85
80
72
70
65
60
3.0
3.1
3.2
3.3
3.4
3.5
3.6
f
IN = 150MHz
SFDR
SNR
AV
DD − Analog Supply Voltage − V
98
94
90
86
82
48
74
70
66
AV
DD − Analog Supply Voltage − V
3.0
3.1
3.2
3.3
3.4
3.5
3.6
f
IN = 70MHz
SFDR
SNR
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = –1dBFS, sampling rate = 80 MSPS
and 3-V differential clock, unless otherwise noted
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
Figure 17.
Figure 18.
SPURIOUS-FREE DYNAMIC RANGE
SIGNAL-TO-NOISE RATIO
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 19.
Figure 20.
AC PERFORMANCE
AC PERFORMANCE
vs ANALOG SUPPLY VOLTAGE
vs ANALOG SUPPLY VOLTAGE
Figure 21.
Figure 22.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com