Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MADR-011007 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-011007
Description  40-bit Serial to Parallel Driver for GaAs FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-011007 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MADR-011007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
40-bit Serial to Parallel Driver for GaAs FETs
Rev. V1
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
4
MADR-011007
Serial Interface Timing Diagram
Serial Interface Timing Characteristics
Typical performance
Symbol
Parameter
-40°C
+25°C
+85°C
Unit
tSCK
Min. Serial Clock Period
100
100
100
ns
tDS
Min. DATA Set-up Time
20
20
20
ns
tDH
Min. DATA Hold Time
20
20
20
ns
tLS
Min. LOAD Set-up Time
20
20
20
ns
tLW
Min. LOAD Pulse Width
20
20
20
ns
tLH
Min. Serial CLK Hold Time from LOAD
20
20
20
ns
Bit 1
tDS
Bit 2
tDH
Bit 39
Bit 40
SERIAL CLK
LOAD
SERIN
Bit 1
Bit 2
Bit 39
Bit 40
SEROUT
(SERIN delayed by
40 clock cycles)
tLS
tLW
tLH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com