Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1PS76SB21 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 1PS76SB21
Description  Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS76SB21 Datasheet(HTML) 4 Page - NXP Semiconductors

  1PS76SB21 Datasheet HTML 1Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 2Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 3Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 4Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 5Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 6Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 7Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 8Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
4 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
6.
Thermal characteristics
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
1PS76SB21
-
-
450
K/W
BAT721
-
-
500
K/W
BAT721A
-
-
500
K/W
BAT721C
-
-
500
K/W
BAT721S
-
-
500
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF =10mA
[1] -
-
300
mV
IF = 100 mA
[1] -
-
420
mV
IF = 200 mA
[1] -
-
550
mV
IR
reverse current
VR = 30 V
--15
µA
VR = 30 V; Tj = 100 °C
--3
mA
Cd
diode capacitance
VR = 0 V; f = 1 MHz
-
40
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com