Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC807-16W Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BC807-16W
Description  45 V, 500 mA PNP general-purpose transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC807-16W Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BC807-16W Datasheet HTML 6Page - NXP Semiconductors BC807-16W Datasheet HTML 7Page - NXP Semiconductors BC807-16W Datasheet HTML 8Page - NXP Semiconductors BC807-16W Datasheet HTML 9Page - NXP Semiconductors BC807-16W Datasheet HTML 10Page - NXP Semiconductors BC807-16W Datasheet HTML 11Page - NXP Semiconductors BC807-16W Datasheet HTML 12Page - NXP Semiconductors BC807-16W Datasheet HTML 13Page - NXP Semiconductors BC807-16W Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
10 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
Tamb = 25 °C
(1) IB = −12.0 mA
(2) IB = −10.8 mA
(3) IB = −9.6 mA
(4) IB = −8.4 mA
(5) IB = −7.2 mA
(6) IB = −6.0 mA
(7) IB = −4.8 mA
(8) IB = −3.6 mA
(9) IB = −2.4 mA
(10) IB = −1.2 mA
Fig 12. Selection -40: Collector current as a function of collector-emitter voltage; typical values
VCE (V)
0
−5
−4
−2
−3
−1
006aaa130
−0.4
−0.8
−1.2
IC
(A)
0
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com