Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM91850 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM91850
Description  TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91850 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM91850 Datasheet HTML 2Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 3Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 4Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 5Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 6Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 7Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 8Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 9Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
* This specification are subject to be changed without notice.
6
4.28.1999
EM91850
TONE/PULSE DIALER WITH HF, HD, REDIAL
AND VOLUME CONTROL FUNCTION
Preliminary
Mixing dialing :
Let LNB=7,8,9
At off-hook state, key in "RD", *, 0, P, then the LNB=7, 8, 9, *, 0, P, and the number will be dialed out.
Pulse to Tone(*/T) key operation
The Pulse to Tone(*/T) key is designed to support toll dialing (long distance call) or PABX system operation.
The "*/T" key can be stored in memory and it will be occupy one digital position.
• To select Pulse mode.
• Off-hook(or turn on HF function), push d1, d2,...dn, */T, k1, k2, ....,kn. These numbers will be dialed out as
following sequence :
d1, d2,....dn, Tpt, k1, k2, ....., kn. (Tpt are the Pulse to Tone pause time)
(pulse mode)
(tone mode)
Flash(F=F1,F2,F3) key operation
The Flash key is designed to break telephone line temporarily. After key is depressed, this dialer will send a flash
signal to break line and reset all condition. The Flash's break time dependent on the which key be pressed,
F1=600ms, F2=300ms, F3=100ms.
Handfree (HF) function
The Handfree function are provided in EM91850 to support on-hook dialing and loudspeaker application which
can be turn "on" or "off" by pressed again "HF" key. During handfree function is executed, the HFO pin is switched
to "high". Otherwise the HFO pin stays "low" level. One of the following operations can turn off Handfree func
tion (HFO pin return to "Low").
• On-Off hook once.
• Pressed "HF" key
• Turn on Hold (HD) function.(HDO pin switched to "High")
Hold (HD) function
The Hold function is designed to stop conversation temporarily. In off-hook state (or HF function is turned on),
to press HD key on the keyboard, the Hold function can be turned "on" (HDO pin switched to “High”). One of the
following operations can turn off Hold function (HDO pin switched to "Low").
• On-Off hook once.
• To press HD key back to idle On_Hook state
• Turn on Handfree (HF) function.(HFO pin switched to "High")
** In Hold state all key board will be disable except "HF" , "HD" key and HKS switch
Mute function
The EM91850 provide mute function to mute microphone or antler at off-hook (or turn on HF) state. When key-
in "MUTE" key, "MuteO" pin will become "High" to mute microphone. Any key-in will release mute mode and
operating the correct key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com