Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSA984K Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA984K
Description  PNP SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA984K Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA984K Datasheet HTML 1Page - Continental Device India Limited CSA984K Datasheet HTML 2Page - Continental Device India Limited CSA984K Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON TRANSISTORS
CSA984K
TO-92
Plastic Package
AUDIO FREQUENCY GENERAL PURPOSE POWER AMPLIFIER APPLICATION
COMPLEMENTARY CSC2274K
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
Collector Emitter Voltage
V
Collector Base Voltage
V
Emitter Base Voltage
V
Collector Current Continuous
mA
Peak
mA
Collector Power Dissipation
mW
Operating And Storage Junction
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Breakdown Voltage
BVCEO
IC=1mA,IB=0
80
V
Collector Base Breakdown Voltage
BVCBO
IC=10
µA,I
B=0
100
V
Emitter Base Breakdown Voltage
BVEBO
IE=10
µA, I
C=0
5V
Collector Cutoff Current
ICBO
VCB=40V, IE=0
1.0
µA
Emitter Base Breakdown Voltage
IEBO
VEB=4V, IC=0
1.0
µA
DC Current Gain
hFE (1)
VCE=5V,IC=50mA
60
320
hFE (2)
VCE=5V,IC=400mA
35
Base Emitter Satruation Voltage
VBE(sat)
IC=400mA,IB=40mA
0.9
1.2
V
Collector Emitter Saturation Voltage
VCE(sat)
IC=400mA,IB=40mA
0.25
0.6
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IE=10mA, VCE=10V
120
MHz
Collector Output Capacitance
Cob
IE=0, VCB=10V
CSA984K
f=1MHz
9
pF
CSC2274K
5pF
CLASSIFICATION
D
E
F
hFE (1)
60-120
100-200
160-320
BVCEO
BVCBO
BVEBO
IC
80
100
5
500
ºC
ICM
PC
Tj, Tstg
800
600
-55 to +150
DESCRIPTION
SYMBOL
VALUE
UNITS
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSA984K

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA916 CDIL-CSA916 Datasheet
156Kb / 2P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CSA928A CDIL-CSA928A Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CSA928APNP CDIL-CSA928APNP Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CSA931PNP CDIL-CSA931PNP Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
More results

Similar Description - CSA984K

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
PNP SILICON TRANSISTORS
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
PNP SILICON TRANSISTORS
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
Silicon PNP Transistors
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
PNP Silicon Transistors
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
PNP Silicon Transistors
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
Silicon PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com