Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSA931 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA931
Description  PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA931 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA931 Datasheet HTML 1Page - Continental Device India Limited CSA931 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CSA931 (PNP)
CSC2331 (NPN)
TO-237
BCE
Low Frequency Amplifier And Medium Speed Switching
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
80
V
Collector -Emitter Voltage
VCEO
60
V
Emitter Base Voltage
VEBO
8.0
V
Collector Current
IC
700
mA
Power Dissipation
PC
1.0
W
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Base Voltage
VCBO
IC=100uA, IE=0
80
-
-
V
Collector -Emitter Voltage
VCEO
IC=10mA, IB=0
60
-
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
8.0
-
-
V
Collector Cut off Current
ICBO
VCB=60V, IE=0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
100
nA
DC Current Gain
hFE*
IC=50mA,VCE=2V
40
-
240
Collector Emitter Saturation Voltage
VCE(Sat) * IC=500mA,IB=50mA
-
-
0.7
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=500mA,IB=50mA
-
-
1.2
V
Dynamic Characteristics
Collector Output Capacitance
Cob PNP VCB=10V, IE=0
-
13
-
pF
NPN f=1MHz
-
8.0
-
pF
Transition Frequency
ft
PNP
VCE=10V,IC=50mA,
-
100
-
MHz
NPN
30
-
-
MHz
CLASSIFICATION
R
O
Y
hFE *
40-80
70-140
120-240
*Pulse Test : Pulse Width =350us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSA931

ManufacturerPart #DatasheetDescription
logo
YANGZHOU POSITIONING TE...
CSA932 YZPST-CSA932 Datasheet
168Kb / 3P
Asymmetric thyristors
CSA932-28IX5 YZPST-CSA932-28IX5 Datasheet
168Kb / 3P
Asymmetric thyristors
More results

Similar Description - CSA931

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
logo
Continental Device Indi...
CSA1013 CDIL-CSA1013 Datasheet
41Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
logo
Continental Device Indi...
CVG639 CDIL-CVG639 Datasheet
179Kb / 3P
NPN/PNP COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CL100S CDIL-CL100S Datasheet
226Kb / 2P
NPN/PNP SILICON PLANAR TRANSISTORS
CIL1020Y CDIL-CIL1020Y Datasheet
90Kb / 2P
PNP COMPLEMENTARY PLANAR SILICON TRANSISTORS
CIL1020 CDIL-CIL1020 Datasheet
229Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com