Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBL386141SHT Datasheet(PDF) 2 Page - Ericsson

Part # PBL386141SHT
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386141SHT Datasheet(HTML) 2 Page - Ericsson

  PBL386141SHT Datasheet HTML 1Page - Ericsson PBL386141SHT Datasheet HTML 2Page - Ericsson PBL386141SHT Datasheet HTML 3Page - Ericsson PBL386141SHT Datasheet HTML 4Page - Ericsson PBL386141SHT Datasheet HTML 5Page - Ericsson PBL386141SHT Datasheet HTML 6Page - Ericsson PBL386141SHT Datasheet HTML 7Page - Ericsson PBL386141SHT Datasheet HTML 8Page - Ericsson PBL386141SHT Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PBL 386 14/1
2
Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Temperature, Humidity
Storage temperature range
T
Stg
-55
+150
°C
Operating temperature range
T
Amb
-40
+110
°C
Operating junction temperature range, Note 1
T
J
-40
+140
°C
Power supply, 0
°C ≤ T
Amb ≤ +70°C
V
CC with respect to AGND
V
CC
-0.4
6.5
V
V
EE with respect to AGND
V
EE
V
Bat
0.4
V
V
Bat2 with respect to A/BGND
V
Bat2
V
Bat
0.4
V
V
Bat with respect to BGND, continuous
V
Bat
-75
0.4
V
V
Bat2 with respect to BGND, 10 ms
V
Bat2
-80
0.4
V
Power dissipation
Continuous power dissipation at T
Amb ≤ +70°CPD
0.8
W
Ground
Voltage between AGND and BGND
V
G
-5
VCC
V
Relay Driver
Ring relay supply voltage
BGND +13
V
Ring relay current
75 mA
Ring trip comparator
Input voltage
V
DT, VDR
V
Bat
V
CC
V
Input current
I
DT, IDR
-5
5
mA
Digital inputs, outputs (C1, C2, C3, DET)
Input voltage
V
ID
-0.4
V
CC
V
Output voltage (DET not active)
V
OD
-0.4
V
CC
V
Output current (DET)
I
OD
30
mA
TIPX and RINGX terminals, 0
°C < T
Amb < +70°C, VBat = -50 V
TIPX or RINGX current
I
TIPX, IRINGX
-110
+110
mA
TIPX or RINGX voltage, continuous (referenced to AGND), Note 2
V
TA, VRA
V
Bat
2V
TIPX or RINGX, pulse < 10 ms, t
Rep > 10 s, Note 2
V
TA, VRA
V
Bat - 20
5
V
TIPX or RINGX, pulse < 1
µs, t
Rep > 10 s, Note 2
V
TA, VRA
V
Bat - 40
10
V
TIP or RING, pulse < 250 ns, t
Rep > 10 s, Note 3
V
TA, VRA
V
Bat - 70
15
V
Recommended Operating Condition
Parameter
Symbol
Min
Max
Unit
Ambient temperature
T
Amb
0
+70
°C
V
CC with respect to AGND
V
CC
4.75
5.25
V
V
EE with respect to AGND
V
EE
V
Bat
-4.75
V
V
Bat with respect to BGND
V
Bat
-58
-10
V
V
Bat2 with respect to BGND
V
Bat2
V
Bat
-10
V
Notes
1.
The circuit includes thermal protection. Operation above max. junction temperature may degrade device reliability.
2.
A diode in series with the VBat input increases the permitted continuous voltage and pulse < 10 ms to -85 V.
A pulse
≤1µs is increased to the greater of |-70V| and |VBat -40V|.
3.
R
F1 and RF2 ≥ 20 Ω is also required. Pulse is supplied to TIP and RING outside RF1 and RF2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com