Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF16VC60R Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # DF16VC60R
Description  Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DF16VC60R Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  DF16VC60R Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DF16VC60R Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DF16VC60R Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DF16VC60R Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
外形図については新電元Webサイトをご参照下さい。捺印表示については捺
印仕様をご確認下さい。
Fordet
ai
l
soft
heout
l
i
nedi
mensi
ons,r
ef
ert
oourweb si
t
e.Asf
ort
he
mar
ki
ng,r
ef
ert
ot
hespeci
f
i
cat
i
on"Mar
ki
ng,Ter
mi
nalConnect
i
on".
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
Uni
t
:mm
J534-P2011.2〉)
DF16VC60R
600V16A
Twi
n
■外観図 OUTLI
NE
単位
Uni
t
規格値
Rat
i
ngs
条 件
Condi
t
i
ons
記号
Symbol
I
t
em
-40~150
Tstg
保存温度
St
or
ageTemper
at
ur
e
150
Tj
接合部温度
Oper
at
i
onJunct
i
onTemper
at
ur
e
V
600
VRM
せん頭逆電圧
Maxi
mum Rever
seVol
t
age
A
16
50Hz正弦波,抵抗負荷,Tc=124℃
50Hzsi
newave,Resi
st
ancel
oad,Tc=124˚
C
Io
出力電流
Aver
ageRect
i
f
i
edFor
war
dCur
r
ent
A
190
50Hz正弦波,非繰り返し1サイクルせん頭値,Tj=25℃
50Hzsi
newave,Non-
r
epet
i
t
i
ve1cycl
epeakval
ue,Tj
=25˚
C
IFSM
せん頭サージ順電流
PeakSur
geFor
war
dCur
r
ent
■定格表 RATI
NGS
●絶対最大定格 Absol
ut
eMaxi
mum Rat
i
ngs
指定のない場合 Tc=25℃)
V
MAX
1.
05
パルス測定,1素子当りの規格値
Pul
semeasur
ement
,Perdi
ode
IF=8A,
VF
順電圧
For
war
dVol
t
age
μA
MAX
10
パルス測定,1素子当りの規格値
Pul
semeasur
ement
,Perdi
ode
VR=600V,
IR
逆電流
Rever
seCur
r
ent
℃/W
MAX
1.
6
接合部・ケース間
Junct
i
ont
ocase
θjc
熱抵抗
Ther
malResi
st
ance
●電気的・熱的特性 El
ect
r
i
calChar
act
er
i
st
i
cs
指定のない場合 Tc=25℃)
特長
高耐圧
SMD
Feat
ur
e
Hi
ghVol
t
age
SMD
Rect
i
f
i
erDi
ode
Package:STO-
220
① ②④ ③
10.2
2.54
2.54
4.7
16VC60R
00
00
Type No.
品名略号
Date code
ロット記号(例)
Polarity
極性
Control No.
管理番号(例)
Title:diode-A.ec9 Page:2
Date: 2011/02/17 Thu 14:01:21


Similar Part No. - DF16VC60R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF16-14DP-0.5V HIROSE-DF16-14DP-0.5V Datasheet
236Kb / 6P
0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
0.5mm Pitch SMT Board to Board Connector
DF16-16DP-0.5V HIROSE-DF16-16DP-0.5V Datasheet
236Kb / 6P
0.5mm Pitch SMT Board to Board Connector
DF16-16DS-0.5V HIROSE-DF16-16DS-0.5V Datasheet
236Kb / 6P
0.5mm Pitch SMT Board to Board Connector
DF16-20DP-0.5V HIROSE-DF16-20DP-0.5V Datasheet
236Kb / 6P
0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF16VC60R

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com