Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAAPSS0071 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0071
Description  DECT Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0071 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0071 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0071 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0071 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0071 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0071 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
DECT Power Amplifier
1880 - 1930 MHz
Rev. V3
MAAPSS0071
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
Frequency = 1905 MHz, PIN = -2 to 2 dBm, VCC = 2.4 V, VEN = 2.5 V, TA = 25 °C, Z0 = 50Ω
Operating the MAAPSS0071
The MAAPSS0071 can be damaged by electrostatic
discharge
(ESD).
Use
proper
ESD
control
techniques when handling this device. To operate
the MAAPSS0071, turn on the VCC before VEN for
power on and turn off VCC after VEN for shutdown.
Parameter
Test Conditions
Units
Min.
Typ.
Max
Input Return Loss
dB
15
Output Power
dBm
24
26
27
Power Flatness
2.0 < VCC < 3.0 V
dB
3
PAE
%
45
Current
mA
400
500
Current, Off
VEN = 0 V
µA
3
10
Pdiss
POUT = 26.0 dBm
W
0.5
Control Pins
VEN, Low
VEN, High
Current
V
V
mA
0
2.0
2.0
0.5
2.5
4.0
Harmonics
2f
3f
dBc
dBc
-35
-40
Forward Isolation
VEN = 0 V
dB
39
Duty Cycle
%
100
Turn on/off time
Ton: RF burst to NTP-1
Toff: NTP-1 to off
µS
µS
3
2
Stability
+1.5V < VCC < +3.5 V, PIN = -2 to 2 dBm, VSWR < 6:1
-20°C < TC < +70ºC, RBW = 3 MHz max hold
All spurs < -60 dBc
Lead-Free 3 mm 12-Lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com