Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAQ3203YM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MAQ3203YM
Description  High-Brightness LED Driver Controller with High-Side Current Sense
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAQ3203YM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MAQ3203YM Datasheet HTML 3Page - Micrel Semiconductor MAQ3203YM Datasheet HTML 4Page - Micrel Semiconductor MAQ3203YM Datasheet HTML 5Page - Micrel Semiconductor MAQ3203YM Datasheet HTML 6Page - Micrel Semiconductor MAQ3203YM Datasheet HTML 7Page - Micrel Semiconductor MAQ3203YM Datasheet HTML 8Page - Micrel Semiconductor MAQ3203YM Datasheet HTML 9Page - Micrel Semiconductor MAQ3203YM Datasheet HTML 10Page - Micrel Semiconductor MAQ3203YM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Micrel, Inc.
MAQ3203
March 2011
7
M9999-032411-A
Typical Characteristics (Continued)
Shutdown Current
vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIN=12V
EN=0V
Enable Current
vs. Temperature
0
5
10
15
20
25
30
35
40
45
50
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIN=12V
VEN=VIN
Current-Sense Voltage
vs. Temperature
0
50
100
150
200
250
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VCS_MAX
VCS_MIN
1LED
ILED=1A
D_VCS
Switching Frequency
vs. Temperature
0
20
40
60
80
100
120
140
160
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIN=12V
1LED
ILED=1A
L=100µH
UVLO Threshold
vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
OF
ON
L=100µA
ILED=1A
Thermal Shutdown
vs. Input Voltage
0
20
40
60
80
100
120
140
160
180
0
5
10
15
20
25
30
35
40
45
INPUT VOLTAGE (V)
OF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com