Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAAM-011122 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011122
Description  Differential CATV Variable Gain Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011122 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011122 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011122 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011122 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011122 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011122 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011122 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011122 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011122 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011122 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
3
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
Differential CATV Variable Gain Amplifier
5 - 300 MHz
Rev. V1
MAAM-011122
PCB Layout12
Parts List13
Part
Value
Case Style
C1, C9, C13, C20, C21, C22, C23, C24
0.1 µF
0402
C2, C4, C5, C6, C7, C8, C11, C12, C15, C16, C17, C18
0.01 µF
0402
C3, C19
47 pF
0402
C14
2200 pF
0402
C25
1 µF
0805
L1, L1214
47 µH
0806
L2, L1115
250 nH
0402
L3, L10
18 nH
0402
L4, L9
10 nH
0402
L5, L8
27 nH
0402
L6, L7
30 nH
0402
L13
5.6 nH
0402
R1, R10, R11
0 Ω
0402
R2
3 kΩ
0402
R4
5 kΩ
0402
R7, R14
249 Ω
0402
R16, R17
27 Ω
0402
13. The baluns are M/A-COM Technology Solutions parts, T1 is MABA-007681-CT2010 and T2 is MABA-011029.
14. 47 µH inductor is Murata LQH2MCN470K02L.
15. 250 nH inductor is Coilcraft 0402AF-251XJLU.
12. 136 vias underneath the IC of 0.241 mm in diameter.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com