Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAAMSS0060 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0060
Description  Broadband CATV Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0060 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0060 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Broadband CATV Amplifier
50 - 1000 MHz
Rev. V2
MAAMSS0060
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
15.8
17
17.8
Gain Flatness
dB
0.5
1.0
Noise Figure
dB
1.8
3.5
Input Return Loss
dB
20
Output Return Loss
dB
20
Output IP3
6 MHz Spacing, -10 dBm output per tone
dBm
37
Composite Triple Beat, CTB
132 channels, +30 dBmV / channel at the output.
dBc
-75
Composite Second Order, CSO
132 channels, +30 dBmV / channel at the output.
dBc
-60
P1dB
dBm
23
IDD
8 Volts
mA
120
140
17 dB Gain Configuration
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = 8 Volts, Z0 = 75 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
20
Gain Flatness
dB
1
Noise Figure
dB
1.6
Input Return Loss
dB
12
Output Return Loss
dB
12
Output IP3
6 MHz Spacing, -10 dBm output per tone
dBm
35
Composite Triple Beat, CTB
132 channels, +33 dBmV / channel at the output.
dBc
-66
Composite Second Order, CSO
132 channels, +33 dBmV / channel at the output.
dBc
-55
P1dB
dBm
21
IDD
8 Volts
mA
120
20 dB Gain Configuration
Typical Performance: TA = 25°C, Freq: 50 - 1000 MHz, VDD = 8 Volts, Z0 = 75 Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com