Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3636 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N3636
Description  PNP SILICON PLANAR RF TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3636 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N3636 Datasheet HTML 1Page - Continental Device India Limited 2N3636 Datasheet HTML 2Page - Continental Device India Limited 2N3636 Datasheet HTML 3Page - Continental Device India Limited 2N3636 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP SILICON PLANAR RF TRANSISTORS
2N3635
2N3636
2N3637
TO-39
Metal Can Package
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
DC Current Gain
hFE
IC=2mA,VCE=10V
2N 3635, 37
80
2N3636
40
IC=1mA,VCE=10V
2N 3635, 37
90
2N3636
45
IC=10mA*,VCE=10V
2N 3635, 37
100
2N3636
50
IC=50mA*,VCE=10V
2N 3635, 37
100
300
2N3636
50
130
IC=150mA*,VCE=10V
2N 3635, 37
50
2N3636
25
SMALL SIGNAL CHARACTERISTICS ( at f =1MHz otherwise specified)
Transition Frequency
fT
IC=30mA, VCE=30V
2N 3635, 37
f=100MHz
200
MHz
2N3636
150
MHz
Current Gain
| hfe |IC=10mA, VCE=10V,
2N 3635, 37
f=1kHz
80
320
2N3636
40
160
Input Impedence
hie
IC=10mA, VCE=10V
2N 3635, 37
200
1200
Ω
2N3636
100
600
Ω
Reverse Voltage Feedback Ratio
hre
IC=10mA, VCE=10V
3
x10
-4
Output Admittance
hoe
IC=10mA, VCE=10V
200
UMHOS
Noise Figure
NF
IC= 500mA, VCE=10V,
Rs=1K
Ω
Output Capacitance
Cob
VCB=20V, IE=0, f=100KHz
10
pF
Input Capacitance
Cib
VEB=1V, IC=0, f=100KHz
75
pF
Turn on Time
ton
IC=50mA, IB1=IB2=5mA
VCC=100V, VBE=4V
400
ns
Turn off Time
IC=50mA, IB1=IB2=5mA
600
ns
VCC=100V, VBE=4V
*Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com