Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECJ1VB2A331 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECJ1VB2A331
Description  Multilayer Ceramic Capacitors(100V, 200V Series)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ1VB2A331 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECJ1VB2A331 Datasheet HTML 1Page - Panasonic Semiconductor ECJ1VB2A331 Datasheet HTML 2Page - Panasonic Semiconductor ECJ1VB2A331 Datasheet HTML 3Page - Panasonic Semiconductor ECJ1VB2A331 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(100V, 200V Series)
– EC33 –
Temperature
Characteristic Code
Temperature
Characteristics
Temp. Coeff.
(ppm/°C)
Rate of Capacitance change at each Temp. (%)
–25 °C
85 °C
max.
min.
max.
min.
CCH
0 ± 60
0.49
–0.27
0.39
–0.39
■ Temperature Characteristics
● Class 1
● Class 2
Temperature
Characteristic Code
Temperature
Characteristics
Capacitance Change
Measurement
Temperature Range
Reference Temperature
B
B±10 %
–25 to 85 °C
20 °C
X7R
±15 %
–55 to 125 °C
25 °C
■ Rated Voltage
Code
2A
2D
Rated Voltage
DC 100 V
DC 200 V
■ Nominal Capacitance
Ex.
100
101104
105
Nominal
Capacitance
10 pF
100 pF
100,000 pF
(0.1 µF)
1,000,000 pF
(1.0 µF)
Class
Temperature Characteristics
Tolerance Code
Capacitance Tolerance
1CH
Capacitance range
C=10 pF
D±0.5 pF
C>10 pF
J±5 %
K±10 %
2B, X7R
K±10 %
M±20 %
■ Capacitance tolerance
■ Specifications and Testing Methods
Item
Specifications
Test Method
Class 1
Class 2
Operating
Temperature
Range
–55 to 125 °C
———
Dielectric
Withstanding
Voltage
No dielectric breakdown and/or damage
Test voltage:
Class 1: Rated voltage
300 %
Class 2: Rated voltage
250 %
Duration: 1 to 5 s
Charge/discharge current: 50 mA max.
Insulation
Resistance (IR)
10000 M
or 500/C (M ) Whichever is less
C: Nominal Cap. in µF
Measuring voltage: Rated voltage
Duration: 60±5 s
Charge/discharge current: 50 mA max.
Capacitance
Within the specified tolerance
Measuring temperature: 20±2 °C
Class 1
Nominal capacitance C
< 1000 pF C > 1000 pF
Measuring frequency 1 MHz±10 % 1 kHz±10 %
Measuring voltage0.5 to 5 Vrms 0.5 to 5 Vrms
Class 2
Preconditioning: The capacitors shall be
kept in temperature of 150 +0/–10 °C for 1
hour and subjected to standard conditions✽
for 48±4 hours before initial measurement.
Nominal capacitance
C
<1 µF
Measuring frequency
1 kHz±10 %
Measuring voltage1.0±0.2 Vrms
Q Factor or
Dissipation Factor
(tan
δ)
Q:
C < 30 pF: Q
>400+20 C
30 pF
<C<1000 pF:
Q
>1000
tan
δ:
C > 1000 pF: tan
δ<0.002
C: Nominal Cap. in pF
tan
δ:0.025 max.
✽ Standard condition: Temperature 15 to 35 °C, Relative humidity 45 to 75 %.
For further information, see the technical specifications.
Note: Temperature coefficient: calculated between 20 °C to 85 °C
For applicable “temperature characteristics”, see the lists of standard products on page 34 to 35.
Apr. 2008
00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com