Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EEEHD0J102AP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEHD0J102AP
Description  Aluminum Electrolytic Capacitors/ HD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHD0J102AP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEHD0J102AP Datasheet HTML 1Page - Panasonic Semiconductor EEEHD0J102AP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HD
– EEE-30 –
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(120 Hz)
(+105°C)
Impedance
(100 kHz)
(+20 °C)
tan d
(120 Hz)
(+20 °C)
Taping
(V)
(μF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
50
0.47
4.0
5.8
B
5
12.0
0.12
EEEHD1HR47R
✽✽✽
(1)
2000
1
4.0
5.8
B
7
12.0
0.12
EEEHD1H1R0R
(1)
2000
2.2
4.0
5.8
B
12
12.0
0.12
EEEHD1H2R2R
(1)
2000
3.3
4.0
5.8
B
16
12.0
0.12
EEEHD1H3R3R
(1)
2000
4.7
5.0
5.8
C
21
7.2
0.12
EEEHD1H4R7R
(1)
1000
10
6.3
5.8
D
33
4.0
0.12
EEEHD1H100P
(1)
1000
22
8.0
6.2
E
50
2.0
0.14
EEEHD1H220P
(2)
1000
33
8.0
10.2
F
74
1.5
0.14
EEEHD1H330P
(2)
500
47
10.0
10.2
G
94
0.8
0.14
EEEHD1H470P
(2)
500
100
10.0
10.2
G
94
0.8
0.14
EEEHD1H101P
(2)
500
63
10
8.0
6.2
E
45
2.0
0.18
EEEHD1J100P
(2)
1000
22
8.0
10.2
F
65
1.5
0.18
EEEHD1J220P
(2)
500
33
10.0
10.2
G
80
0.8
0.18
EEEHD1J330P
(2)
500
100
3.3
8.0
6.2
E
30
2.0
0.18
EEEHD2A3R3P
(2)
1000
10
8.0
10.2
F
55
1.5
0.18
EEEHD2A100P
(2)
500
22
10.0
10.2
G
70
0.8
0.18
EEEHD2A220P
(2)
500
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(120 Hz)
(+105°C)
Impedance
(100 kHz)
(+20 °C)
tan
d
(120 Hz)
(+20 °C)
Taping
(V)
(μF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
6.3
330
8.0
10.2
F
230
1.5
0.30
EEEHD0J331AP
(7)
500
1000
10.0
10.2
G
313
0.8
0.50
EEEHD0J102AP
(7)
500
10
100
8.0
6.2
E
62
2.0
0.30
EEEHD1A101AP
(7)
1000
220
8.0
10.2
F
160
1.5
0.30
EEEHD1A221AP
(7)
500
330
8.0
10.2
F
160
1.5
0.30
EEEHD1A331AP
(7)
500
16
10
4.0
5.8
B
28
12.0
0.20
EEEHD1C100AR
(5)
2000
22
5.0
5.8
C
39
7.2
0.20
EEEHD1C220AR
(5)
1000
47
6.3
5.8
D
70
4.0
0.20
EEEHD1C470AP
(5)
1000
100
8.0
10.2
F
130
1.5
0.20
EEEHD1C101AP
(7)
500
220
10.0
10.2
G
220
0.8
0.20
EEEHD1C221AP
(7)
500
470
10.0
10.2
G
340
0.8
0.20
EEEHD1C471AP
(7)
500
25
4.7
4.0
5.8
B
17
12.0
0.16
EEEHD1E4R7AR
(5)
2000
10
5.0
5.8
C
28
7.2
0.16
EEEHD1E100AR
(5)
1000
22
6.3
5.8
D
55
4.0
0.16
EEEHD1E220AP
(5)
1000
33
6.3
5.8
D
55
4.0
0.16
EEEHD1E330AP
(5)
1000
47
8.0
6.2
E
56
2.0
0.18
EEEHD1E470AP
(7)
1000
100
8.0
10.2
F
130
1.5
0.16
EEEHD1E101AP
(7)
500
330
10.0
10.2
G
238
0.8
0.16
EEEHD1E331AP
(7)
500
35
4.7
4.0
5.8
B
17
12.0
0.13
EEEHD1V4R7AR
(5)
2000
10
5.0
5.8
C
28
7.2
0.13
EEEHD1V100AR
(5)
1000
22
6.3
5.8
D
55
4.0
0.13
EEEHD1V220AP
(5)
1000
33
8.0
6.2
E
53
2.0
0.16
EEEHD1V330AP
(7)
1000
6.3
7.7
D8
57
2.0
0.13
EEEHDV330XAP
(5)
900
47
6.3
7.7
D8
57
2.0
0.14
EEEHDV470XAP
(5)
900
8.0
10.2
F
79
1.5
0.14
EEEHD1V470AP
(7)
500
100
10.0
10.2
G
101
0.8
0.14
EEEHD1V101AP
(7)
500
220
10.0
10.2
G
220
0.8
0.14
EEEHD1V221AP
(7)
500
■ Standard Lead-Free reflow Products(50V to 100V)
✽✽✽ Please kindly accept last shipment : 31/Mar/2015
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J→J, 1A→A, 1C→C, 1E→E, 1V→V
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Endurance : 105 °C 5000 h
■ High temperature Lead-Free reflow Products(6.3V to 35V)
Endurance : 105 °C 5000 h
03 Mar. 2014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com