Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P6B40HP2 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P6B40HP2
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P6B40HP2 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P6B40HP2 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P6B40HP2 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P6B40HP2 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P6B40HP2 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
(MOS-p〈2014.03〉)
■特性図 CHARACTERI
STI
C DI
AGRAMS
IAS=6A
0
12
10
6
8
4
2
出力特性
Typical Output Characteristics
05
10
20
15
Pulse measurement
Drain・Source Voltage VDS〔V〕
TC=25℃
TYP
VVGS
GS
==5
5VV
VGS=5V
VVGS
GS
==5
5VV
VGS=6V
VVCC==10
10VV
VGS=10V
8
8VV
8V
伝達特性
Transfer Characteristics
02
4
10
8
6
Pulse measurement
Gate・Source Voltage VGS〔V〕
VDS=25V
TYP
0
6
12
10
8
4
2
Tc=150℃
Tc= −55℃
Tc=25℃
Tc=100℃
ドレイン・ソース間オン抵抗−ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
10
1
0.
1
0.
1
0.
01
12
1
VGS=10V
Tc=25℃
TYP
Pulse measurement
Drain Current ID〔A〕
ドレイン・ソース間オン抵抗−ケース温度
Static Drain-Source On-static Resistance vs Case Temperature
0.1
10
1
−55
0
100
150
50
VGS=10V
TYP
Pulse measurement
Case Temperature Tc〔℃〕
ID=3A
−55
0
100
150
50
ゲートしきい値電圧−ケース温度
Gate Threshold Voltage vs Case
Temperature
5
4.5
4
3.5
3
2.5
2
VDS=10V
ID=1mA
TYP
Pulse measurement
Case Temperature Tc〔℃〕
安全動作領域
Safe Operating Area
6
50
12
18
24
10
0.
01
1
0.
1
10
1
400
100
Drain・Source Voltage VDS〔V〕
Tc=25℃
Single pulse
Power Dissipation
Limited
10ms
1ms
100μs
10μs
DC
RDS(ON)Limited
(at VGS=10V)
過渡熱抵抗
Transient Thermal Impedance
0.001
0.01
0.1
10
1
Time t〔s〕
10-5 10-4 10-3
10-2
10-1
100
102
101
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
キャパシタンス特性
Capacitance Characteristics
10000
1000
1
100
10
Tc=25℃
f=1MHz
TYP
0
50
200
400
350
300
250
100 150
Drain・Source Voltage VDS〔V〕
0
100
60
80
40
20
全損失減少率−ケース温度
Power Derating - Case Temperature
0
25
50
75
125
150
100
Case Temperature Tc〔℃〕
VVGGSS
VGS
VVDS
DS
VDS
0
20
15
10
5
ゲートチャージ特性
0
400
250
350
150
200
300
100
50
Gate Charge Characteristics
0
10 12
8
6
2
4
16
14
ID=6A
TYP
Total Gate Charge Qg〔nC〕
VDD=320V
160V
80V
単発アバランシェエネルギー減少率−チャネル温度
Single Avalanche Energy Derating vs Channel Temperature
100
0
80
60
40
20
0
50
100
150
Starting Channel Temperature Tch〔℃〕
VDD=100V
VGS=15V, -0V
Rg=100Ω
単発アバランシェ電流−インダクタンス
Single Avalanche Current vs Inductive Load
0.1
10
6
1
0.1
1
10
100
Inductance L〔mH〕
EAR=4mJ
EAS=40mJ
P6B40HP2
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com