Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P7F60HP2 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P7F60HP2
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P7F60HP2 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P7F60HP2 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P7F60HP2 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P7F60HP2 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P7F60HP2 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
(MOSFET〈2012.06〉)
■特性図 CHARACTERI
STI
C DI
AGRAMS
0
100
60
80
40
20
全損失減少率─ケース温度
Power Derating - Case Temperature
0
25
50
75
125
150
100
Case Temperature Tc〔℃〕
単発アバランシェエネルギー減少率 - チャネル温度
Single Avalanche Energy Derating vs Channel Temperature
100
0
80
60
40
20
0
50
100
150
Starting Channel Temperature Tch〔℃〕
伝達特性
Transfer Characteristics
05
10
20
15
Pulse measurement
Gate・Source Voltage VDS〔V〕
VDS=25V
TYP
Tc=150℃
Tc=100℃
Tc= 25℃
Tc=−55℃
0
6
14
12
10
8
4
2
0
6
14
12
10
8
4
2
05
10
20
25
15
Pulse measurement
Drain・Source Voltage VDS〔V〕
TGS=25℃
TYP
VVGS
GS
==5
5VV
VGS=5V
出力特性
Typical Output Characteristics
ドレイン・ソース間オン抵抗─ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
1
5
0.
1
0.
1
10 14
1
VGS=10V
Tc=25℃
TYP
Pulse measurement
Drain Current ID〔A〕
ドレイン・ソース間オン抵抗─ケース温度
Static Drain-Source On-state Resistance vs Case Temperature
10
1
0.
1
−55
0
100
150
50
VGS=10V
TYP
Pulse measurement
Case Temperature Tc〔℃〕
IIDD==3.5
3.5A
A
ID=3.5A
−55
0
100
150
50
ゲートしきい値電圧─ケース温度
Gate Threshold Voltage vs Case
Temperature
6
5
4
3
2
1
VDS=10V
ID=1mA
TYP
Pulse measurement
Case Temperature Tc〔℃〕
安全動作領域
Safe Operating Area
10
14
21
28
50
0.
01
0.
1
1
7
10
1
600
100
1000
Tc=25℃
Single pulse
DC
DC
DC
10ms
10ms
10ms
1ms
1ms
1ms
100μs
100μs
100μs
10μs
10μs
10μs
Drain・Source Voltage VDS〔V〕
過渡熱抵抗
Transient Thermal Impedance
10
0.001
0.01
1
0.1
10−4
10−5
10−3 10−2 10−1 100 101 102 103
Time t〔s〕
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
キャパシタンス特性
Capacitance Characteristics
10000
1000
100
1
10
f=1MHz
Tc=25℃
TYP
0
100
600
500
200
400
300
Drain・Source Voltage VDS〔V〕
VVGGSS
VGS
VVDS
DS
VDS
0
16
20
12
8
4
ゲートチャージ特性
0
500
300
400
200
100
Gate Charge Characteristics
05
10
25
20
30
15
ID=7A
TYP
Total Gate Charge Qg〔nC〕
VVDD
DD
==400
400V
V
200
200V
V
100
100V
V
VDD=400V
200V
100V
VDD=100V
VGS=15V, −0V
Rg=100Ω
単発アバランシェ電流-インダクタンス
Single Avalanche Current vs Inductive Load
0.1
1
7
10
0.01
0.1
1
10
100
Inductance L〔mH〕
IIAS
AS
==7
7A
A
EEAS
AS
==50
50mJ
mJ
IAS=7A
EAR=5mJ
EAS=50mJ
VVGS
GS
==10
10VV
VGS=10V
8
8VV
8V
6
6VV
6V
RDS(ON)Limited
(at VGS=10V)
Power Dissipation
Limited
P7F60HP2
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.
Page:67



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com