Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FST16233MTDX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FST16233MTDX
Description  16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16233MTDX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FST16233MTDX Datasheet HTML 1Page - Fairchild Semiconductor FST16233MTDX Datasheet HTML 2Page - Fairchild Semiconductor FST16233MTDX Datasheet HTML 3Page - Fairchild Semiconductor FST16233MTDX Datasheet HTML 4Page - Fairchild Semiconductor FST16233MTDX Datasheet HTML 5Page - Fairchild Semiconductor FST16233MTDX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 6: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 7)
Note 7: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
Ω source terminated in 50 Ω
Note: CL includes load and stray capacitance
Note: Input PRR
= 1.0 MHz, t
W = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA = −40 °C to +85 °C,
Units
Conditions
Figure
No.
CL = 50pF, RU= RD = 500Ω
VCC = 4.5 − 5.5V
VCC = 4.0V
Min
Max
Min
Max
tPHL, tPLH
A or B, to B or A (Note 6)
0.25
0.25
ns
VI = OPEN
Figures
1, 2
tPHL,tPLH
S to A
1.5
6.1
6.8
ns
VI = OPEN
Figures
1, 2
tPZH, tPZL
Output Enable Time,
1.0
6.5
7.2
ns
VI = 7V for tPZL,
Figures
1, 2
S or TEST to B
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time,
1.5
7.8
8.5
ns
VI = 7V for tPLZ,
Figures
1, 2
S or TEST to B
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control pin Input Capacitance
4
pF
VCC = 5.0V
CI/O
Input/Output Capacitance
6
pF
VCC = 5.0V, Switch OFF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com