Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVC-105-22 Datasheet(PDF) 42 Page - Alpha Wire

Part # PVC-105-22
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-22 Datasheet(HTML) 42 Page - Alpha Wire

Back Button PVC-105-22 Datasheet HTML 34Page - Alpha Wire PVC-105-22 Datasheet HTML 35Page - Alpha Wire PVC-105-22 Datasheet HTML 36Page - Alpha Wire PVC-105-22 Datasheet HTML 37Page - Alpha Wire PVC-105-22 Datasheet HTML 38Page - Alpha Wire PVC-105-22 Datasheet HTML 39Page - Alpha Wire PVC-105-22 Datasheet HTML 40Page - Alpha Wire PVC-105-22 Datasheet HTML 41Page - Alpha Wire PVC-105-22 Datasheet HTML 42Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
522
FIT > FIT Wire Management > Silver-Plated Copper Braid
FIT® Wire Wire Management
Silver-Plated Copper Braid
Tubular
Silver-Plated
Part No.
Inside
Diameter, Nom.
Braid Construction
AWG
Equivalent,
Approx.
CMA,
Nom.
Current-
Carrying
Capacity
Standard Put-Ups
Inch
mm
AWG of
Indiv. Ends
Carriers
No. of
Indiv. Ends
Amps
Ft
m
2191
1/16
1.59
36
24
48
19
1200
11
100
30.5
2193
7/64
2.78
36
24
96
16
2400
19
100
30.5
2194
1/8
3.18
36
24
120
15
3000
25
100
30.5
2195
5/32
3.97
36
24
240
12
6000
40
100
30.5
2196
11/64
4.37
36
24
168
14
4200
32
100
30.5
2197
13/64
5.16
34
24
192
11
7640
46
100
30.5
2198
1/4
6.35
36
24
384
10
9600
53
100
30.5
A-A-59569
Color
• Silver
Material
• Silver-plated copper braid
Availability
See table
Spools may contain multiple
lengths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com