Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCI2250PCM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2250PCM
Description  Implementation Guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI2250PCM Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCI2250PCM Datasheet HTML 8Page - Texas Instruments PCI2250PCM Datasheet HTML 9Page - Texas Instruments PCI2250PCM Datasheet HTML 10Page - Texas Instruments PCI2250PCM Datasheet HTML 11Page - Texas Instruments PCI2250PCM Datasheet HTML 12Page - Texas Instruments PCI2250PCM Datasheet HTML 13Page - Texas Instruments PCI2250PCM Datasheet HTML 14Page - Texas Instruments PCI2250PCM Datasheet HTML 15Page - Texas Instruments PCI2250PCM Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
5–1
5 Functional Considerations
5.1
External Arbiter
The PCI2250 allows an external arbiter to be used in place of the default internal arbiter. This function is controlled
by the S_CFN terminal. In order to use an external arbiter with the PCI2250, terminal 63 must be pulled up with a
10-k
Ω resistor or hardwired to 3.3 V. If an external arbiter is not going to be used (the PCI2250 internal arbiter is used
instead), then terminal 63 must be hardwired to GND.
When an external secondary bus arbiter is used, the PCI2250 internally reconfigures the S_REQ0 and S_GNT0
signals, so that S_REQ0 becomes the secondary bus master grant for the bridge and the S_GNT0 becomes the
secondary bus master request for the PCI2250. This is done because S_REQ0 is an input that can be used to provide
the grant input to the bridge, and S_GNT0 is an output that can provide the request output from the bridge.
VCC
S_CFN
PCI2250
S_GNT0
S_REQ0
External Arbiter
REQ
GNT
Figure 5–1. External Arbiter
When an external arbiter is used, all unused secondary bus grant outputs (S_GNT3–S_GNT1) are in a
high-impedance state. Any unused secondary bus request lines (S_REQ3–S_REQ1) should be pulled high or
hardwired to 3.3 V, to prevent the inputs from oscillating.
5.2
PCI Interrupts and IDSEL Mapping
The PCI2250 can support up to four devices on the secondary side. Each device IDSEL should be connected to a
secondary address line (S_AD[31:16]). In order to reduce capacitive load on the secondary address line, the
connection can be made through a 1-k
Ω series resistor.
Because the PCI2250 is a bridge device, all parallel PCI interrupts on the secondary interface must be routed as
sideband signals to the PCI interrupts on the primary interface. When using multiple devices behind the PCI2250,
a device ID and how the PCI interrupts are routed should be very important considerations in a design. Some
operating systems like Windows 95
 expect a device PCI interrupt to be routed to a specific interrupt on the
motherboard based on its ID number. For example, if a device ID is 4 and its PCI INTA is routed to PCI INTB on the
motherboard, Windows 95
 does not configure the device properly. In order to reduce any chance of
incompatibilities, TI suggests the designer implement the interrupt routing scheme outlined in section 2.2.6 of the PCI
Local Bus Specification Revision 2.2. Table 6–1 summarizes section 2.2.6.
Windows 95 is a trademark of Microsoft Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com