Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJS12R Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RJS12R
Description  (Potentiometers) Wirewound
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RJS12R Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RJS12R Datasheet HTML 1Page - Ohmite Mfg. Co. RJS12R Datasheet HTML 2Page - Ohmite Mfg. Co. RJS12R Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
188
Rheostats
(Potentiometers) Wirewound
D
0.25"
6.35 mm
enclosed
unenclosed
standard
shaft
0.125"
3.18 mm
0.625"
15.88 mm
B
0.25"
6.35 mm
0.078"
1.98 mm
C
0.531"
13.49 mm
0.406"
10.32 mm
shaft
locking
nut
0.094"
2.38 mm
B
D
locking
shaft
Max.
Ohmic
Voltage Behind panel “B" Diameter “D" Dimension “C"
Shaft
Rotation
Model Type
Watts range
Core
(RMS)* (in./mm Ref.)
(in./mm Ref.) (in./mm Ref.)
torque
(±5°)
C RCS/RCL 7.5 10.0-5K enclosed 305
0.875/22.23
0.515/ 13.08
—
0.25-3 oz. in. 300°
• See Catalog #203 for complete details.
Max.
Ohmic
Voltage Behind panel “B" Diameter “D" Dimension “C"
Shaft
Rotation
Model Type
Watts range
Core
(RMS)*
(in./mm Ref.)
(in./mm Ref.) (in./mm Ref.)
torque
(±5°)
E RES/REL 12.5 1.0-15K open
305
0.688/17.46
0.875/ 22.23 0.594/15.08 1-6 oz. in.
300°
E
REE
12.5 1.0-15K enclosed 305
1.219/30.96
1.047/ 26.59
—
1-6 oz. in.
300°
• See Catalog #203 for complete details.
D
0.25"
6.4 mm
0.125"
3.18 mm
0.625"
15.88 mm
0.625"
15.88 mm
B
0.25"
6.4 mm
0.109"
2.78 mm
0.531"
13.49 mm
0.25"
6.4 mm
Standard
shaft
Locking
shaft
Mounting: Panels to
0.125" (3.18mm) thick
with 1/4-32 bushing and
hex nut (1/16" thick).
Mounting: Panels
to 0.125" (3.18mm)
thick with 1/4-32
bushing and hex
nut (1/16" thick).
Model C
Model e
Dimensions for reference only; consult factory for details.
Since all rheostats/potentiometers are electro-mechanical devices, they are subject to mechanical wear and, therefore, have a finite life.
Models H, J, K, L and N are listed under UL File No. E-10946 and CSA File No. 21309 unless noted otherwise.
All rheostats are 10% tolerance.


Similar Part No. - RJS12R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
RJS125 BEL-RJS125 Datasheet
91Kb / 2P
Telecom - Power Cross Protection & Ballast Protection
RJS125-R BEL-RJS125-R Datasheet
1Mb / 2P
Type RJS
RJS125-R BEL-RJS125-R Datasheet
1Mb / 4P
TYPE RJS
RJS125-R BEL-RJS125-R Datasheet
1Mb / 4P
TELECOM-POWER CORSS PROTECTION
More results

Similar Description - RJS12R

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RHS1K0E OHMITE-RHS1K0E Datasheet
233Kb / 2P
Rheostats (Potentiometers) Wirewound
RES10K OHMITE-RES10K Datasheet
423Kb / 2P
(Potentiometers) Wirewound
logo
List of Unclassifed Man...
RKS50R ETC-RKS50R Datasheet
423Kb / 2P
(Potentiometers) Wirewound
logo
Ohmite Mfg. Co.
RES125E OHMITE-RES125E Datasheet
478Kb / 3P
(Potentiometers) Wirewound
RES1K5 OHMITE-RES1K5 Datasheet
503Kb / 3P
(Potentiometers) Wirewound
logo
List of Unclassifed Man...
RHS15R ETC2-RHS15R Datasheet
503Kb / 3P
(Potentiometers) Wirewound
RJS1K6 ETC2-RJS1K6 Datasheet
503Kb / 3P
(Potentiometers) Wirewound
logo
Ohmite Mfg. Co.
RHS10K OHMITE-RHS10K Datasheet
503Kb / 3P
(Potentiometers) Wirewound
logo
List of Unclassifed Man...
RHS2R0 ETC2-RHS2R0 Datasheet
503Kb / 3P
(Potentiometers) Wirewound
logo
Ohmite Mfg. Co.
RHS100E OHMITE-RHS100E Datasheet
523Kb / 3P
(Potentiometers) Wirewound
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com