Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APA450 Datasheet(PDF) 1 Page - Actel Corporation

Part # APA450
Description  ProASICPLUS짰 Flash Family FPGAs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA450 Datasheet(HTML) 1 Page - Actel Corporation

  APA450 Datasheet HTML 1Page - Actel Corporation APA450 Datasheet HTML 2Page - Actel Corporation APA450 Datasheet HTML 3Page - Actel Corporation APA450 Datasheet HTML 4Page - Actel Corporation APA450 Datasheet HTML 5Page - Actel Corporation APA450 Datasheet HTML 6Page - Actel Corporation APA450 Datasheet HTML 7Page - Actel Corporation APA450 Datasheet HTML 8Page - Actel Corporation APA450 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
December 2009
i
© 2009 Actel Corporation
See the Actel website for the latest version of the datasheet.
v5.9
ProASICPLUS® Flash Family FPGAs
Features and Benefits
High Capacity
Commercial and Industrial
•
75,000 to 1 Million System Gates
•
27 K to 198 Kbits of Two-Port SRAM
•
66 to 712 User I/Os
Military
•
300, 000 to 1 Million System Gates
•
72 K to 198 Kbits of Two Port SRAM
•
158 to 712 User I/Os
Reprogrammable Flash Technology
•
0.22 µm 4 LM Flash-Based CMOS Process
•
Live At Power-Up (LAPU) Level 0 Support
•
Single-Chip Solution
•
No Configuration Device Required
•
Retains Programmed Design during Power-Down/Up Cycles
•
Mil/Aero Devices Operate over Full Military Temperature
Range
Performance
•
3.3 V, 32-Bit PCI, up to 50 MHz (33 MHz over military
temperature)
•
Two Integrated PLLs
•
External System Performance up to 150 MHz
Secure Programming
•
The Industry’s Most Effective Security Key (FlashLock®)
Low Power
•
Low Impedance Flash Switches
•
Segmented Hierarchical Routing Structure
•
Small, Efficient, Configurable (Combinatorial or Sequential)
Logic Cells
High Performance Routing Hierarchy
•
Ultra-Fast Local and Long-Line Network
•
High-Speed Very Long-Line Network
•
High-Performance, Low Skew, Splittable Global Network
•
100% Routability and Utilization
I/O
•
Schmitt-Trigger Option on Every Input
•
2.5 V / 3.3 V Support with Individually-Selectable Voltage
and Slew Rate
•
Bidirectional Global I/Os
•
Compliance with PCI Specification Revision 2.2
•
Boundary-Scan Test IEEE Std. 1149.1 (JTAG) Compliant
•
Pin-Compatible Packages across the ProASICPLUS Family
Unique Clock Conditioning Circuitry
•
PLL
with
Flexible
Phase,
Multiply/Divide,
and
Delay
Capabilities
•
Internal and/or External Dynamic PLL Configuration
•
Two LVPECL Differential Pairs for Clock or Data Inputs
Standard FPGA and ASIC Design Flow
•
Flexibility with Choice of Industry-Standard Front-End Tools
•
Efficient Design through Front-End Timing and Gate
Optimization
ISP Support
•
In-System Programming (ISP) via JTAG Port
SRAMs and FIFOs
•
SmartGen Netlist Generation Ensures Optimal Usage of
Embedded Memory Blocks
•
24 SRAM and FIFO Configurations with Synchronous and
Asynchronous Operation up to 150 MHz (typical)
Table 1 • ProASICPLUS Product Profile
Device
APA075
APA150
APA3001
APA450
APA6001
APA750
APA10001
Maximum System Gates
75,000
150,000
300,000
450,000
600,000
750,000
1,000,000
Tiles (Registers)
3,072
6,144
8,192
12,288
21,504
32,768
56,320
Embedded RAM Bits (k=1,024 bits)
27 k
36k
72 k
108 k
126 k
144 k
198 k
Embedded RAM Blocks (256x9)
12
16
32
48
56
64
88
LVPECL
222
2
2
2
2
PLL
222
2
2
2
2
Global Networks
4
4
4
4
4
4
4
Maximum Clocks
24
32
32
48
56
64
88
Maximum User I/Os
158
242
290
344
454
562
712
JTAG ISP
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PCI
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Package (by pin count)
TQFP
100, 144
100
–
–
–
–
–
PQFP
208
208
208
208
208
208
208
PBGA
–
456
456
456
456
456
456
FBGA
144
144, 256
144, 256
144, 256, 484
256, 484, 676
676, 896
896, 1152
CQFP2
208, 352
208, 352
208, 352
CCGA/LGA2
624
624
Notes:
1. Available as Commercial/Industrial and Military/MIL-STD-883B devices.
2. These packages are available only for Military/MIL-STD-883B devices.
v5.9
®


Similar Part No. - APA450

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA450 ACTEL-APA450 Datasheet
4Mb / 178P
ProASIC Flash Family FPGAs
APA450 ACTEL-APA450 Datasheet
1Mb / 174P
Ultra-Fast Local and Long-Line Network
APA450 ACTEL-APA450 Datasheet
4Mb / 178P
ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA450 MICROSEMI-APA450 Datasheet
1Mb / 174P
ProASICPLUS Flash Family FPGAs
APA450 MICROSEMI-APA450 Datasheet
4Mb / 178P
ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA450

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
ProASIC3E Flash Family FPGAs
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
ProASIC3 Flash Family FPGAs
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
ProASICPLUS짰 Flash Family FPGAs
APA150-TQG100 ACTEL-APA150-TQG100 Datasheet
4Mb / 178P
ProASICPLUS짰 Flash Family FPGAs
APA600-FG256A ACTEL-APA600-FG256A Datasheet
4Mb / 178P
ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
ProASICPLUS Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
ProASIC Flash Family FPGAs
APA450-FG256A ACTEL-APA450-FG256A Datasheet
363Kb / 10P
ProASICPLUS짰 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com