Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL3222ECV Datasheet(PDF) 21 Page - Intersil Corporation

Part # ICL3222ECV
Description  ESD Protection for RS-232 I/O Pins to 5kV (IEC61000)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3222ECV Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ICL3222ECV Datasheet HTML 17Page - Intersil Corporation ICL3222ECV Datasheet HTML 18Page - Intersil Corporation ICL3222ECV Datasheet HTML 19Page - Intersil Corporation ICL3222ECV Datasheet HTML 20Page - Intersil Corporation ICL3222ECV Datasheet HTML 21Page - Intersil Corporation ICL3222ECV Datasheet HTML 22Page - Intersil Corporation ICL3222ECV Datasheet HTML 23Page - Intersil Corporation ICL3222ECV Datasheet HTML 24Page - Intersil Corporation ICL3222ECV Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
FN4910.21
February 22, 2010
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
ICL3221E: 286
ICL3222E: 338
ICL3223E: 357
ICL3232E: 296
ICL324XE: 464
PROCESS:
Si Gate CMOS
FIGURE 15. SUPPLY CURRENT vs LOAD
CAPACITANCE WHEN TRANSMITTING
DATA
FIGURE 16. SUPPLY CURRENT vs LOAD
CAPACITANCE WHEN TRANSMITTING
DATA
FIGURE 17. SUPPLY CURRENT vs LOAD
CAPACITANCE WHEN TRANSMITTING
DATA
FIGURE 18. SUPPLY CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves V
CC = 3.3V, TA = +25°C. (Continued)
0
5
10
15
20
25
30
45
35
40
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
20kbps
250kbps
120kbps
ICL3221E
0
5
10
15
20
25
30
45
35
40
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
20kbps
250kbps
120kbps
ICL3222E, ICL3223E, ICL3232E
10
15
20
25
30
45
35
40
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
20kbps
250kbps
120kbps
ICL324XE
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.5
1.0
1.5
2.0
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
NO LOAD
ALL OUTPUTS STATIC
ICL3221E, ICL3222E, ICL3223E, ICL3232E
ICL324XE
ICL324XE
ICL3221E, ICL3222E, ICL3223E, ICL3232E, ICL3241E, ICL3243E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com