Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW-313-PIN Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-313-PIN
Description  Matched GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-313-PIN Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-313-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-313-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-313-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-313-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Matched GaAs SPDT Switch,
DC-3.0 GHz with TTL/CMOS Control Input
Rev. V6
SW-313-PIN
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Integral TTL Driver
• Low DC Power Consumption
• Fast Switching Speed: 7 ns Typical
• Hermetic Surface Mount Package
• 50 Ohm Nominal Impedance
• MIL-STD-883 Screening Available
• Lead-Free CR-9 Package
• 260°C Reflow Compatible
• RoHS* Compliant
Description
M/A-COM’s SW-313-PIN is a GaAs FET SPDT ab-
sorptive switch with integral silicon ASIC driver.
Packaged in a 16-lead ceramic surface mount pack-
age, this device offers excellent performance and
repeatability from DC to 3 GHz while maintaining low
power consumption. The SW-313-PIN is ideally
suited for use where fast speed, low power con-
sumption and broadband applications are required.
MIL-STD-883 screening available.
Ordering Information
Part Number
Package
SW-313-PIN
Bulk Packaging
SW-313-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Vee
9
RFC
2
GND
10
GND
3
GND
11
GND
4
GND
12
RF1
5
RF2
13
GND
6
GND
14
GND
7
GND
15
Vcc
8
GND
16
C1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
The metal bottom of the case must be connected to RF and DC
ground.


Similar Part No. - SW-313-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-313-PIN MACOM-SW-313-PIN Datasheet
140Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN Datasheet
545Kb / 5P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN_15 Datasheet
545Kb / 5P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results

Similar Description - SW-313-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-205 MACOM-SW-205 Datasheet
105Kb / 2P
Matched GaAs SPDT Switch 5 - 3000 MHz
SW-205-PIN MACOM-SW-205-PIN Datasheet
138Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-231-PIN MACOM-SW-231-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 4000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-241-PIN MACOM-SW-241-PIN Datasheet
142Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-205-PIN MA-COM-SW-205-PIN Datasheet
57Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-233-PIN MA-COM-SW-233-PIN Datasheet
61Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com