Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

26M048B1B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 26M048B1B
Description  How to select your CanStack motor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

26M048B1B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  26M048B1B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CANSTACK motor Designation
Selection Criteria
• The Torque – Speed Curves are essential for selecting the right motor and control drive method for a specific application.
• Define your application load – speed required, load inertia, torque and accuracy needed.
• If the application requires no acceleration, then use the pull out torque.
• If the load is inertial (acceleration is required), it is advisable to use pull in torque.
• Motor temperature rise is important – so ambient temperature and duty cycle are important selection factors
• It is advisable to use 1.5 to 2 times the margin over the maximum torque required.
• Choosing the correct drive is important – for example micro-stepping drives will provide quieter operation.
• Our engineering team is capable of designing a special coil with resistance and inductances to suit your needs.
• Remember – if it is not in the catalog – it does not mean that we cannot provide a solution for you - Portescap may still be
able to design a product for your needs as our team can draw from a wealth of customized designs created over the past
40 years.
26
m
048
D
2
B
Steps per
Rev
020: 20 ppr
024: 24 ppr
048: 48 ppr
100: 100 ppr
Coil
U = Unipolar
B = Bipolar
Motor
Diameter
(mm)
15
20
26
35
42
55
Voltage
1 = 5 V
2 = 12 V
Magnet Type
B = Ferrite
C = He Ferrite
D = Neodymium
Rotor Dia
S = Small
M = Medium
L = Large
How to select your
CanStack motor
26M048D2B


Similar Part No. - 26M048B1B

ManufacturerPart #DatasheetDescription
logo
Mclennan Servo Supplie...
26M048B MCLENNAN-26M048B Datasheet
127Kb / 2P
Permanent magnet stepper motors
26M048B-1U MCLENNAN-26M048B-1U Datasheet
127Kb / 2P
Permanent magnet stepper motors
26M048B-2U MCLENNAN-26M048B-2U Datasheet
127Kb / 2P
Permanent magnet stepper motors
More results

Similar Description - 26M048B1B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02014W104KAT2A AVX-02014W104KAT2A Datasheet
154Kb / 2P
How to Order Part Number Explanation
logo
Aavid, Thermal Division...
5005-09NG AAVID-5005-09NG Datasheet
8Mb / 116P
How to Use This Catalog
logo
STMicroelectronics
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
How to use the BT_HTS_RX_R2
Sep-2007
AN3991 STMICROELECTRONICS-AN3991 Datasheet
585Kb / 15P
How to drive multiple stepper motors with the L6470 motor driver
08-Jan-2014
AN4671 STMICROELECTRONICS-AN4671 Datasheet
572Kb / 17P
How to fine tune your SiC MOSFET gate driver to minimize losses
02-Apr-2015
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
The document explains how to design
Rev. 1.0
AN3057 STMICROELECTRONICS-AN3057 Datasheet
419Kb / 15P
How to manage simultaneous
24-Oct-2012
logo
Glenair, Inc.
802-040 GLENAIR-802-040 Datasheet
415Kb / 5P
Hermetic Receptacle How to Order Information
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
How to configure the Si4012
logo
Zilog, Inc.
Z8FS021 ZILOG-Z8FS021 Datasheet
784Kb / 68P
Select from an assortment of lenses and pyroelectric sensors to best fit your application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com