Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HEI252010A-R33M-Q8 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HEI252010A-R33M-Q8
Description  Molding Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEI252010A-R33M-Q8 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  HEI252010A-R33M-Q8 Datasheet HTML 1Page - List of Unclassifed Manufacturers HEI252010A-R33M-Q8 Datasheet HTML 2Page - List of Unclassifed Manufacturers HEI252010A-R33M-Q8 Datasheet HTML 3Page - List of Unclassifed Manufacturers HEI252010A-R33M-Q8 Datasheet HTML 4Page - List of Unclassifed Manufacturers HEI252010A-R33M-Q8 Datasheet HTML 5Page - List of Unclassifed Manufacturers HEI252010A-R33M-Q8 Datasheet HTML 6Page - List of Unclassifed Manufacturers HEI252010A-R33M-Q8 Datasheet HTML 7Page - List of Unclassifed Manufacturers HEI252010A-R33M-Q8 Datasheet HTML 8Page - List of Unclassifed Manufacturers HEI252010A-R33M-Q8 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Molding Power Inductors – HEI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms(A)
Isat(A)
RDC(mΩ)
Part Number
(uH)
(±%)
(MHz)
Max(Typ)
Max(Typ)
Max(Typ)
HEI252012A-R24M-Q8
0.24
20
2
6.2(7.3)
9.5(12)
15(11.5)
HEI252012A-R47M-Q8
0.47
20
2
3.8(4.5)
5.6(7.0)
33(28)
HEI252012A-R68M-Q8
0.68
20
2
3.8(4.4)
5.0(6.2)
36(30)
HEI252012A-1R0M-Q8
1.0
20
2
3.6(4.1)
4.4(5.5)
42(35)
HEI252012A-1R5M-Q8
1.5
20
2
2.7(3.1)
3.4(4.2)
65(57)
HEI252012A-2R2M-Q8
2.2
20
2
2.5(2.9)
3.0(3.7)
83(74)
Irms DC current (A) that will cause an approximate ΔT of 40℃.
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M = ±20%
L : Agilent E4991/HP4287A+16197A, 2MHz 0.2V
Rdc : CHEN HWA502
Isat : Agilent E4980A+HP42841A
Irms : Agilent 6641 SYSTEM DC POWER SUPPLY
Operating temperature range from -40℃ to 125℃. (Including self - temperature rise)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance vs. DC Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
DC Current(A)
2R2
1R5
1R0
R68
R47
R24
Temperature Change vs. DC Current
0
10
20
30
40
50
60
70
0
1
23
45
6
7
8
9
10
DC Current(A)
2R2
1R5
1R0
R24
R47
R68



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com