Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCDS2D18HP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCDS2D18HP
Description  SMD Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCDS2D18HP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCDS2D18HP Datasheet HTML 1Page - List of Unclassifed Manufacturers SCDS2D18HP Datasheet HTML 2Page - List of Unclassifed Manufacturers SCDS2D18HP Datasheet HTML 3Page - List of Unclassifed Manufacturers SCDS2D18HP Datasheet HTML 4Page - List of Unclassifed Manufacturers SCDS2D18HP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Shielded Power Inductors - SCDS Series
SCDS Series
Features
Applications
 RoHS compliant
 Available in magnetic shielding
 Low DC resistance
 Suitable for large currents
 Ideal for DC – DC converter inductor applications
 Available on tape and reel for auto surface mounting
 Power supply for VTRs
 OA equipment
 LCD televisions
 Notebook PCs
 Portable communication devices
 DC / DC converters, etc
Product Identification
SCDS
SCDS3D16
SCDS2D11/2D14/2D18LD/ 2D18HP
Shape and Dimensions
Recommended Pattern
Dimension in mm
TYPE
A
B
C
D
E
F
G
SCDS2D11
3.2
+0
3.2
+0
1.2
+0
4.5
+0
3.3
2.1
1.0
SCDS2D14
3.2
+0
3.2
+0
1.55
+0
4.5
+0
3.3
2.1
1.0
SCDS2D18LD
3.2
+0
3.2
+0
2.0
+0
4.5
+0
3.3
2.1
1.0
SCDS2D18HP
3.2
+0
3.2
+0
2.0
+0
4.5
+0
3.3
2.1
1.0
Dimensions in mm
TYPE
A
B
C
D
SCDS2D11
1.3
1.7
1.3
4.3
SCDS2D14
1.3
1.7
1.3
4.3
SCDS2D18LD
1.3
1.7
1.3
4.3
SCDS2D18HP
1.3
1.7
1.3
4.3
 T : Packaging: Tape and Reel
 HP : High Power
 LD : Low DCR
 CEC Internal No.: S: Base type terminals


Similar Part No. - SCDS2D18HP

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCDS0506 SECOS-SCDS0506 Datasheet
645Kb / 2P
VOLTAGE 800V 0.5 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS101 SECOS-SCDS101 Datasheet
653Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS101 SECOS-SCDS101 Datasheet
136Kb / 2P
Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
SCDS101 SECOS-SCDS101_12 Datasheet
136Kb / 2P
Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
SCDS102 SECOS-SCDS102 Datasheet
136Kb / 2P
Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCDS2D18HP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com