Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CIL2383 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CIL2383
Description  NPN COMPLEMENTARY SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL2383 Datasheet(HTML) 1 Page - Continental Device India Limited

  CIL2383 Datasheet HTML 1Page - Continental Device India Limited CIL2383 Datasheet HTML 2Page - Continental Device India Limited CIL2383 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN COMPLEMENTARY SILICON TRANSISTOR
CIL2383
(BPL)
TO-92
BCE
Vertical Deflection Output & Class B Sound Output Applications of Colour T.V
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
180
V
Collector -Emitter Voltage
VCEO
180
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current
IC
1.0
A
Peak
ICP
1.5
A
Base Current
IB
500
mA
Power Dissipation
PD
900
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=10mA, IB=0
180
-
-
V
Collector Cut off Current
ICBO
VCB=150V, IE=0
-
-
1.0
uA
Emitter Cut off Current
IEBO
VEB=6V, IC=0
-
-
1.0
uA
DC Current Gain
hFE*
IC=200mA,VCE=5V
60
-
320
Collector Emitter Saturation Voltage
VCE(Sat) * IC=500mA,IB=50mA
-
-
1.5
V
Base Emitter on Voltage
VBE(on)*
IC=5mA, VCE=5V
0.45
-
0.75
V
Dynamic Characteristics
Output Capacitance
Cob
VCB=10V, IE=0,
-
-
20
pF
f=1MHz
Gain Bandwidth Product
ft
VCE=5V,IC=200mA,
20
100
-
MHz
CLASSIFICATION
R
O
Y
hFE *
60-120
100-200
160-320
*Pulse Test : Pulse Width =300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CIL2383

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CIL2328A CDIL-CIL2328A Datasheet
106Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CIL2383

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CC5551 CDIL-CC5551 Datasheet
50Kb / 4P
NPN COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMPQ6700 ONSEMI-MMPQ6700 Datasheet
147Kb / 4P
Quad Complementary Pair Transistor PNP/NPN Silicon
August, 2006 ??Rev. 2
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413 Datasheet
584Kb / 2P
SURFACE MOUNT COMPLEMENTARY NPN/PNP SILICON TRANSISTOR
logo
Continental Device Indi...
CSA928A CDIL-CSA928A Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CD2383 CDIL-CD2383 Datasheet
267Kb / 3P
NPN COMPLEMENTARY SILICON TRANSISTSOR
CD2328A CDIL-CD2328A Datasheet
259Kb / 3P
NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
logo
Central Semiconductor C...
MPQ7053 CENTRAL-MPQ7053_15 Datasheet
414Kb / 2P
SILICON NPN/PNP COMPLEMENTARY QUAD TRANSISTOR
logo
Yea Shin Technology Co....
MMBT3946DW YEASHIN-MMBT3946DW Datasheet
1Mb / 5P
COMPLEMENTARY NPN/PNP TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6430 NJSEMI-2N6430 Datasheet
51Kb / 1P
COMPLEMENTARY SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
BC847PN KEXIN-BC847PN Datasheet
68Kb / 1P
NPN/PNP Complementary Silicon Transistor Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com