Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CIL2230 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CIL2230
Description  NPN SILICONHIGH VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL2230 Datasheet(HTML) 1 Page - Continental Device India Limited

  CIL2230 Datasheet HTML 1Page - Continental Device India Limited CIL2230 Datasheet HTML 2Page - Continental Device India Limited CIL2230 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICONHIGH VOLTAGE TRANSISTOR
CIL2230, A
TO-237
Plastic Package
General Purpose High Voltage Amplifier and Colour TV Class B Sound Output Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
200
V
Collector -Emitter Voltage
VCEO
CIL 2230
160
V
A
180
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
100
mA
Base Current
IB
50
mA
Power Dissipation
PD
800
mW
Operating and Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
BVCEO
IC=1mA, IB=0
CIL2230
160
V
A
180
V
Collector Cut off Current
ICBO
VCB=200V, IE=0
100
nA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
100
nA
DC Current Gain
hFE (1)
IC=10mA,VCE=10V
120
400
hFE (2)
IC=50mA,VCE=10V
80
Collector Emitter Saturation Voltage
VCE(sat)
IC=50mA,IB=5mA
0.5
V
Base Emitter On Voltage
VBE(on)
VCE=10V, IC=1mA
0.5
0.6
0.7
V
DYNAMIC CHARACTERISTICS
SYMBOL TEST CONDITION
UNIT
MIN
TYP
MAX
Transition Frequency
fT
VCE=10V, IC=10mA,
50
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0,
7
pF
f=1MHz
CLASSIFICATION
Y
GR
hFE
120-240
200-400
VALUE
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CIL2230

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
More results

Similar Description - CIL2230

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com