Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C04-RMN6P Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24C04-RMN6P
Description  4-Kbit serial IC bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04-RMN6P Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24C04-RMN6P Datasheet HTML 17Page - STMicroelectronics M24C04-RMN6P Datasheet HTML 18Page - STMicroelectronics M24C04-RMN6P Datasheet HTML 19Page - STMicroelectronics M24C04-RMN6P Datasheet HTML 20Page - STMicroelectronics M24C04-RMN6P Datasheet HTML 21Page - STMicroelectronics M24C04-RMN6P Datasheet HTML 22Page - STMicroelectronics M24C04-RMN6P Datasheet HTML 23Page - STMicroelectronics M24C04-RMN6P Datasheet HTML 24Page - STMicroelectronics M24C04-RMN6P Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID023994 Rev 3
21/34
M24C04-W M24C04-R M24C04-F
DC and AC parameters
33
Figure 9. AC measurement I/O waveform
Table 10. Input parameters
Symbol
Parameter(1)
1. Characterized only, not tested in production.
Test condition
Min.
Max.
Unit
CIN
Input capacitance (SDA)
-
-
8
pF
CIN
Input capacitance (other pins)
-
-
6
pF
ZL
Input impedance (WC)
VIN < 0.3 VCC
15
70
k
Ω
ZH
VIN > 0.7 VCC
500
-
k
Ω
Table 11. Cycling performance
Symbol
Parameter
Test condition(1)
1. Cycling performance for products identified by process letter T.
Max.
Unit
Ncycle
Write cycle
endurance
TA
≤ 25 °C, VCC(min) < VCC < VCC(max)
4,000,000
Write cycle
TA = 85 °C, VCC(min) < VCC < VCC(max)
1,200,000
Table 12. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention(1)
1. For products identified by process letter T. The data retention behavior is checked in production, while the
200-year limit is defined from characterization and qualification results.
TA = 55 °C
200
Year
MS19774V1
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and output
Timing reference levels
Input voltage levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com