Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPT2D221MHT Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPT2D221MHT
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPT2D221MHT Datasheet(HTML) 2 Page - Nichicon corporation

  UPT2D221MHT Datasheet HTML 1Page - Nichicon corporation UPT2D221MHT Datasheet HTML 2Page - Nichicon corporation UPT2D221MHT Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PT
series
ALUMINUM ELECTROLYTIC CAPACITORS
V
10
× 31.5
12.5
× 25
12.5
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
18
× 31.5
16
× 35.5
18
× 31.5
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
0.35
0.41
0.48
0.53
0.62
0.70
0.76
0.81
0.88
0.87
1.01
1.13
1.20
1.50
1.50
1.60
10
× 31.5
12.5
× 25
12.5
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
18
× 31.5
16
× 40
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
0.29
0.34
0.39
0.43
0.49
0.58
0.67
0.77
0.77
0.88
0.88
1.01
1.15
1.50
1.50
1.60
10
× 31.5
12.5
× 25
12.5
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
18
× 31.5
16
× 40
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
0.27
0.31
0.36
0.40
0.46
0.53
0.62
0.72
0.72
0.83
0.83
0.95
1.05
1.45
1.45
1.55
10
× 31.5
12.5
× 25
12.5
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 31.5
16
× 35.5
18
× 31.5
16
× 40
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
0.21
0.24
0.29
0.32
0.37
0.42
0.46
0.50
0.58
0.58
0.66
0.67
0.77
0.85
1.30
1.30
1.40
10
× 31.5
12.5
× 25
12.5
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
18
× 31.5
16
× 40
18
× 31.5
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
0.17
0.20
0.24
0.27
0.31
0.36
0.43
0.51
0.51
0.57
0.57
0.61
0.66
0.80
0.95
0.95
1.20
10
× 31.5
12.5
× 25
12.5
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 31.5
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
0.15
0.18
0.22
0.25
0.28
0.32
0.38
0.44
0.49
0.48
0.55
0.65
0.77
0.92
0.92
1.10
2D
2P
2E
2G
W6
2W
200
220
250
400
420
450
Case size
φ D
× L (mm)
: Rated ripple current (Arms) at 105
°C 120Hz
: In this case, 6 will be put at 12th digit of
type numbering system.
Frequency
Coefficient
50Hz
0.80
120Hz
1.00
300Hz
1.25
1kHz
1.40
10kHz or more
1.60
Dimensions
Frequency coefficient of rated ripple current
Cap
Code
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
CAT.8100C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com