Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AF1206F1.50TM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AF1206F1.50TM
Description  1206 Fast Acting Surface Mount Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF1206F1.50TM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AF1206F1.50TM Datasheet HTML 1Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 2Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 3Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 4Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 5Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 6Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 7Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. Jan. 14
Website: www.aemchina.com & www.aemcomponents.com
AirMatrixTM 1206 Fast Acting Surface Mount Fuses
Part Number
Current Rating
(A)
Marking
( White )
Voltage Rating
(VDC)
Interrupting
Rating
Nominal DCR
(Ω)
Nominal I2t
(A2s)
AF1206F1.50TM
1.50
G
65
50A@65VDC
0.050
0.37
AF1206F1.60TM
1.60
T
0.043
0.52
AF1206F2.00TM
2.00
I
0.032
0.88
AF1206F2.50TM
2.50
J
0.028
1.1
AF1206F3.00TM
3.00
K
0.022
1.9
AF1206F3.15TM
3.15
V
0.020
2.2
AF1206F3.50TM
3.50
L
0.018
2.6
AF1206F4.00TM
4.00
M
0.016
3.3
AF1206F5.00TM
5.00
N
32
0.013
5.4
AF1206F6.30TM
6.30
O
0.010
8.9
AF1206F7.00TM
7.00
P
0.0092
10.4
AF1206F8.00TM
8.00
R
0.0084
13.5
AF1206F10.0TM
10.0
Q
0.0050
11.2
AF1206F12.0TM
12.0
X
0.0041
15.0
AF1206F15.0TM
15.0
Y
0.0035
24.5
50A@32VDC
Ordering Information:
Notes:
- Resistance is measured at ≤10% of rated current and 25℃ ambient.
- Melting l2t is calculated at 0.001 second pre-arcing time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com