Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AF1206F2.00TM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AF1206F2.00TM
Description  1206 Fast Acting Surface Mount Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF1206F2.00TM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AF1206F2.00TM Datasheet HTML 1Page - List of Unclassifed Manufacturers AF1206F2.00TM Datasheet HTML 2Page - List of Unclassifed Manufacturers AF1206F2.00TM Datasheet HTML 3Page - List of Unclassifed Manufacturers AF1206F2.00TM Datasheet HTML 4Page - List of Unclassifed Manufacturers AF1206F2.00TM Datasheet HTML 5Page - List of Unclassifed Manufacturers AF1206F2.00TM Datasheet HTML 6Page - List of Unclassifed Manufacturers AF1206F2.00TM Datasheet HTML 7Page - List of Unclassifed Manufacturers AF1206F2.00TM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. Jan. 14
Website: www.aemchina.com & www.aemcomponents.com
AirMatrixTM 1206 Fast Acting Surface Mount Fuses
Product Identification:
AF 1206 F 2.00 T M
(
1) (2) (3) (4) (5) (6)
(
1)
Series code: AF
(
2)
Size code: 1206
(
3)
Time/Current characteristic: F
(
5)
Package code:
T - Tape & Reel
B - Bulk
(
6)
Marking code: M - with mark
(
4)
Current rating: 2.00 — 2.00A
Environmental Tests:
Reliability Test
Test Condition and Requirement
Test Reference
Reflow & Bend
3 reflows at 245°C followed by a 2 mm bend, 20% DCR change
max., no mechanical damage
Refer to
AEM QIQ034 ,QIQ048
Solderability
245°C, 5 seconds, new solder coverage 90% minimum
MIL-STD-202
Method 208
Soldering Heat Resistance
260°C, 10 seconds, 20% DCR change max. new solder coverage
75% minimum
MIL-STD-202
Method 210
Life
25°C, 2000 hours, 80% rated current, voltage drop change ≤
±20%
Refer to AEM QIQ106
Thermal Shock
-65°C to +125°C, 100 cycles, 10% DCR change max., no
mechanical damage
MIL-STD-202
Method 107
Mechanical Vibration
5 – 3000 Hz, 0.4 inch double amplitude or 30 G peak, 10% DCR
change max., no mechanical damage
MIL-STD-202
Method 204
Mechanical Shock
1500 G, 0.5 milliseconds, half-sine shocks, 10% DCR change
max., no mechanical damage
MIL-STD-202
Method 213
Salt Spray
5% salt solution, 48 hour exposure, 10% DCR change max., no
excessive corrosion
MIL-STD-202
Method 101
Moisture Resistance
10 cycles, 15% DCR change max., no excessive corrosion
MIL-STD-202
Method 106



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com