Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AF2-15.0V065TM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AF2-15.0V065TM
Description  2410 Fast Acting Surface Mount Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF2-15.0V065TM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AF2-15.0V065TM Datasheet HTML 1Page - List of Unclassifed Manufacturers AF2-15.0V065TM Datasheet HTML 2Page - List of Unclassifed Manufacturers AF2-15.0V065TM Datasheet HTML 3Page - List of Unclassifed Manufacturers AF2-15.0V065TM Datasheet HTML 4Page - List of Unclassifed Manufacturers AF2-15.0V065TM Datasheet HTML 5Page - List of Unclassifed Manufacturers AF2-15.0V065TM Datasheet HTML 6Page - List of Unclassifed Manufacturers AF2-15.0V065TM Datasheet HTML 7Page - List of Unclassifed Manufacturers AF2-15.0V065TM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. Dec. 11
Website: www.aemchina.com & www.aemcomponents.com
38
Average I2t vs. t Curves
AirMatrixTM 2410 Fast Acting Surface Mount Fuses
0.01
0.1
1
10
100
1000
10000
100000
0.001
0.01
0.1
1
10
100
Time (s)
20.0 A
15.0 A
12.0 A
10.0 A
8.0 A
7.0 A
6.3 A
5.0 A
4.0 A
3.5 A
3.15 A
3.0 A
2.5 A
2.0 A
1.5 A
1.25 A
1.0 A
0.75 A
0.63 A
0.5 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com