Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB011D Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AT45DB011D
Description  1-megabit 2.7-volt Minimum DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB011D Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT45DB011D Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
3639K–DFLASH–6/2014
AT45DB011D
11.3
Auto Page Rewrite
This mode is only needed if multiple bytes within a page or multiple pages of data are modified in
a random fashion within a sector. This mode is a combination of two operations: Main Memory
Page to Buffer Transfer and Buffer to Main Memory Page Program with Built-in Erase. A page of
data is first transferred from the main memory to the buffer and then the same data (from the
buffer) is programmed back into its original page of main memory. To start the rewrite operation
for the DataFlash standard page size (264-bytes), a 1-byte opcode, 58H, must be clocked into
the device, followed by three address bytes comprised of six don’t care bits, nine page address
bits (PA8 - PA0) that specify the page in main memory to be rewritten and nine don’t care bits.
To initiate an auto page rewrite for a binary page size (256-bytes), the opcode 58H must be
clocked into the device followed by three address bytes consisting of seven don’t care bits, nine
page address bits (A16 - A8) that specify the page in the main memory that is to be written and
eight don’t care bits. When a low-to-high transition occurs on the CS pin, the part will first trans-
fer data from the page in main memory to a buffer and then program the data from the buffer
back into same page of main memory. The operation is internally self-timed and should take
place in a maximum time of tEP. During this time, the status register will indicate that the part is
busy.
If a sector is programmed or reprogrammed sequentially page by page, then the programming
algorithm shown in Figure 25-1 (page 44) is recommended. Otherwise, if multiple bytes in a
page or several pages are programmed randomly in a sector, then the programming algorithm
shown in Figure 25-2 (page 45) is recommended. Each page within a sector must be
updated/rewritten at least once within every 20,000 cumulative page erase/program operations
in that sector. Please contact Adesto for availability of devices that are specified to exceed the
20K cycle cumulative limit.
11.4
Status Register Read
The status register can be used to determine the device’s ready/busy status, page size, a Main
Memory Page to Buffer Compare operation result, the Sector Protection status or the device
density. The Status Register can be read at any time, including during an internally self-timed
program or erase operation. To read the status register, the CS pin must be asserted and the
opcode of D7H must be loaded into the device. After the opcode is clocked in, the 1-byte status
register will be clocked out on the output pin (SO), starting with the next clock cycle. The data in
the status register, starting with the MSB (bit seven), will be clocked out on the SO pin during the
next eight clock cycles. After the one byte of the status register has been clocked out, the
sequence will repeat itself (as long as CS remains low and SCK is being toggled). The data in
the status register is constantly updated, so each repeating sequence will output new data.
Ready/busy status is indicated using bit seven of the status register. If bit seven is a one, then
the device is not busy and is ready to accept the next command. If bit seven is a zero, then the
device is in a busy state. Since the data in the status register is constantly updated, the user
must toggle SCK pin to check the ready/busy status. There are several operations that can
cause the device to be in a busy state: Main Memory Page to Buffer Transfer, Main Memory
Page to Buffer Compare, Buffer to Main Memory Page Program, Main Memory Page Program
through Buffer, Page Erase, Block Erase, Sector Erase, Chip Erase and Auto Page Rewrite.
The result of the most recent Main Memory Page to Buffer Compare operation is indicated using
bit six of the status register. If bit six is a zero, then the data in the main memory page matches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com