Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB321D-MU Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-MU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-MU Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-MU Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
27
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Table 13-7. Detailed Bit-level Addressing Sequence for Standard DataFlash Page Size (528 Bytes)
Note:
P = Page address bit.
B = Byte/buffer address bit.
x = Don’t care.
Page Size = 528-bytes
Address Byte
Address Byte
Address Byte
Additional
Don’t Care
Bytes
Opcode
Opcode
03h
0 0 0 0 0 0 1 1 x P P P P P P P P P P P P P B B B B B B B B B B
N/A
0Bh
0 0 0 0 1 0 1 1 x P P P P P P P P P P P P P B B B B B B B B B B
1
50h
0 1 0 1 0 0 0 0 x P P P P P P P P P P x x x x x x x x x x x x x
N/A
53h
0 1 0 1 0 0 1 1 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
55h
0 1 0 1 0 1 0 1 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
58h
0 1 0 1 1 0 0 0 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
59h
0 1 0 1 1 0 0 1 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
60h
0 1 1 0 0 0 0 0 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
61h
0 1 1 0 0 0 0 1 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
77h
0 1 1 1 0 1 1 1 x x x x x x x x x x x x x x x x x x x x x x x x
N/A
7Ch
0 1 1 1 1 1 0 0 x P P P P P P x x x x x x x x x x x x x x x x x
N/A
81h
1 0 0 0 0 0 0 1 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
82h
1 0 0 0 0 0 1 0 x P P P P P P P P P P P P P B B B B B B B B B B
N/A
83h
1 0 0 0 0 0 1 1 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
84h
1 0 0 0 0 1 0 0 x x x x x x x x x x x x x x B B B B B B B B B B
N/A
85h
1 0 0 0 0 1 0 1 x P P P P P P P P P P P P P B B B B B B B B B B
N/A
86h
1 0 0 0 0 1 1 0 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
87h
1 0 0 0 0 1 1 1 x x x x x x x x x x x x x x B B B B B B B B B B
N/A
88h
1 0 0 0 1 0 0 0 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
89h
1 0 0 0 1 0 0 1 x P P P P P P P P P P P P P x x x x x x x x x x
N/A
9Fh
1 0 0 1 1 1 1 1
N/A
N/A
N/A
N/A
B9h
1 0 1 1 1 0 0 1
N/A
N/A
N/A
N/A
ABh
1 0 1 0 1 0 1 1
N/A
N/A
N/A
N/A
D1h
1 1 0 1 0 0 0 1 x x x x x x x x x x x x x x B B B B B B B B B B
N/A
D2h
1 1 0 1 0 0 1 0 x P P P P P P P P P P P P P B B B B B B B B B B
4
D3h
1 1 0 1 0 0 0 1 x x x x x x x x x x x x x x B B B B B B B B B B
N/A
D4h
1 1 0 1 0 1 0 0 x x x x x x x x x x x x x x B B B B B B B B B B
1
D6h
1 1 0 1 0 1 1 0 x x x x x x x x x x x x x x B B B B B B B B B B
1
D7h
1 1 0 1 0 1 1 1
N/A
N/A
N/A
N/A
E8h
1 1 1 0 1 0 0 0 x P P P P P P P P P P P P P B B B B B B B B B B
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com