Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB321D-CU Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-CU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-CU Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 47Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 48Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 49Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 50Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 51Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
50
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
27.
Errata
27.1
Chip Erase
27.1.1 Issue
In a certain percentage of units, the chip erase feature may not function correctly and may adversely affect device operation.
Therefore, it is recommended that the chip erase commands (opcodes C7H, 94H, 80H, and 9AH) not be used.
27.1.2 Workaround
Use block erase (opcode 50H) as an alternative. The block erase function is not affected by the chip erase issue.
27.1.3 Resolution
The chip erase feature may be fixed with a new revision of the device. Please contact Adesto for the estimated availability of
devices with the fix.
3597C
03/2006
Added preliminary
Changed the sector size from 256-Kbytes to 64-Kbytes
Added the “Legacy Commands” table
3597B
01/2006
Added 6 x 5mm MLF (VDFN) package
Added text, in “Programming the Configuration Register”, to indicate that power cycling is
required to switch to “power of two” page size after the opcode enable has been executed.
Corrected typographical error regarding the opcode for chip erase in “Program and Erase
Commands” table
3597A
11/2005
Initial release
Doc. Rev.
Date
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com