Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6387 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6387
Description  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6387 Datasheet(HTML) 1 Page - STMicroelectronics

  L6387 Datasheet HTML 1Page - STMicroelectronics L6387 Datasheet HTML 2Page - STMicroelectronics L6387 Datasheet HTML 3Page - STMicroelectronics L6387 Datasheet HTML 4Page - STMicroelectronics L6387 Datasheet HTML 5Page - STMicroelectronics L6387 Datasheet HTML 6Page - STMicroelectronics L6387 Datasheet HTML 7Page - STMicroelectronics L6387 Datasheet HTML 8Page - STMicroelectronics L6387 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HIGH VOLTAGE RAIL UP TO 600 V
dV/dt IMMUNITY +- 50 V/nsec IN FULL TEM-
PERATURE RANGE
DRIVER CURRENT CAPABILITY:
400 mA SOURCE,
650 mA SINK
SWITCHING TIMES 50/30 nsec RISE/FALL
WITH 1nF LOAD
CMOS/TTL
SCHMITT
TRIGGER
INPUTS
WITH HYSTERESIS AND PULL DOWN
INTERNAL BOOTSTRAP DIODE
OUTPUTS IN PHASE WITH INPUTS
DESCRIPTION
The L6387 is an high-voltage device, manufac-
tured with the BCD"OFF-LINE" technology. It has
a Driver structure that enables to drive inde-
pendent referenced N Channel Power MOS or
IGBT. The Upper (Floating) Section is enabled to
work with voltage Rail up to 600V. The Logic In-
puts are CMOS/TTL compatible for ease of inter-
facing with controlling devices.
May 2001
®
LOGIC
UV
DETECTION
LEVEL
SHIFTER
BOOTSTRAP DRIVER
R
S
VCC
LVG
DRIVER
VCC
8
7
6
5
4
HIN
LIN
HVG
DRIVER
HVG
H.V.
TO LOAD
OUT
LVG
GND
D00IN1135
Vboot
3
2
1
Cboot
BLOCK DIAGRAM
SO8
Minidip
ORDERING NUMBERS:
L6387D
L6387
L6387
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
1/9
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L6387

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6387D STMICROELECTRONICS-L6387D Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6387E STMICROELECTRONICS-L6387E Datasheet
207Kb / 15P
High-voltage high and low side driver
11-Oct-2007
L6387ED STMICROELECTRONICS-L6387ED Datasheet
207Kb / 15P
High-voltage high and low side driver
11-Oct-2007
L6387ED013TR STMICROELECTRONICS-L6387ED013TR Datasheet
207Kb / 15P
High-voltage high and low side driver
11-Oct-2007
More results

Similar Description - L6387

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385 STMICROELECTRONICS-L6385 Datasheet
147Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Nov-2003
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com