Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB1843V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1843V
Description  Low-saturation, current-controlled bidirectional motor driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1843V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1843V Datasheet HTML 1Page - Sanyo Semicon Device LB1843V Datasheet HTML 2Page - Sanyo Semicon Device LB1843V Datasheet HTML 3Page - Sanyo Semicon Device LB1843V Datasheet HTML 4Page - Sanyo Semicon Device LB1843V Datasheet HTML 5Page - Sanyo Semicon Device LB1843V Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics at Ta = 25°C, VCC = 7.2 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
ICC0
During standby
0.1
10
µA
ICC1
During bidirectional operation, no load
9
13
mA
ICC2
During braking
12
18
mA
Output saturation voltage
Vsat1
IO = 200 mA (upper side + lower side)
0.20
0.30
V
Vsat2
IO = 400 mA (upper side + lower side)
0.40
0.60
V
Reference voltage
Vref
IVref = 1 mA
1.85
2.0
2.15
V
Set output current
Ilimit
Resistance between VCC and VM =1 Ω,
when LIR = 2 V
165
185
205
mA
Input current
IIN
VIN = 5 V
90
150
µA
RD saturation voltage
VRDsat
IO = 1 mA
0.3
V
Output current limit is determined by the following equation (Rf is the sensing resistance between VCC and VM):
Ilimit =VLIR/10Rf (A)
The input range for VLIR is 0.5 to VCC–1.0 (V)
Pd max – Ta
Specified board (50
× 35 × 1.6 mm3 glass epoxy)
Ambient temperature, Ta – °C
LB1843V
No.4385-2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com