Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIABLO16 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DIABLO16
Description  Embedded Graphics Processor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIABLO16 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DIABLO16 Datasheet HTML 17Page - List of Unclassifed Manufacturers DIABLO16 Datasheet HTML 18Page - List of Unclassifed Manufacturers DIABLO16 Datasheet HTML 19Page - List of Unclassifed Manufacturers DIABLO16 Datasheet HTML 20Page - List of Unclassifed Manufacturers DIABLO16 Datasheet HTML 21Page - List of Unclassifed Manufacturers DIABLO16 Datasheet HTML 22Page - List of Unclassifed Manufacturers DIABLO16 Datasheet HTML 23Page - List of Unclassifed Manufacturers DIABLO16 Datasheet HTML 24Page - List of Unclassifed Manufacturers DIABLO16 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
4D SYSTEMS
DIABLO16 Processor
© 2013 4D SYSTEMS
Page 21 of 32
www.4dsystems.com.au
flash_Copy()
flash_WriteBlock()
An application in one bank can store applications
from microSD card and writing them to a bank for
future
execution
using
the
4DGL
function
flash_LoadFile()
An application in one bank can read data stored in
another bank, such as graphics or strings stored
there, and retrieve them and display them as
required. Reading of data from another bank is
achieved using 4DGL functions such as:
flash_GetByte()
flash_GetWord()
flash_putstr()
flash_Blit2()
flash_Blit4()
flash_Blit8()
flash_Blit16()
An application in a bank can erase other banks if
required, and can also erase itself which
essentially formats the processor. Erasing of a
bank
is
achieved
in
4DGL
using
the
flash_EraseBank() function.
Note: The flash_EraseBank() function should be
used with caution as it will permanently erase any
applications and/or data stored on that bank.
Please refer to the separate document titled
'DIABLO16-4DGL-Internal-Functions.pdf' for more
information on how to read/write/erase/access
and change between FLASH banks.
RAM (Both System and User)
6.5.
The DIABLO16 processor has two banks of RAM,
one is 32kb of User RAM, and the other is a much
smaller bank of System RAM which is only usable
by the system, for its internal processes.
The System RAM is reserved for the system and is
not accessible by the user. It is used for processes
such as Audio Buffer, Intermediate File Buffers,
Graphics Rendering, etc. This RAM ensures the
users RAM is not taken by the system.
No matter what options are enabled by the
system, or by the user to influence the system
(such as the size of the audio buffer), the system
will never run out of RAM and try to encroach into
the users RAM space.
The DIABLO16’s 32768 (32kb) of User RAM is used
to store variables and for user applications, sub
programs etc. Sub programs and Functions stored
in RAM can be released when no longer required,
freeing the memory for the user.
The user has full access to this 32kb of User RAM,
and all internal processes of the DIABLO16 utilise
only the separate System RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com