Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT361 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT361
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT361 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT361_14 Datasheet HTML 2Page - Active-Semi, Inc ACT361_14 Datasheet HTML 3Page - Active-Semi, Inc ACT361_14 Datasheet HTML 4Page - Active-Semi, Inc ACT361_14 Datasheet HTML 5Page - Active-Semi, Inc ACT361_14 Datasheet HTML 6Page - Active-Semi, Inc ACT361_14 Datasheet HTML 7Page - Active-Semi, Inc ACT361_14 Datasheet HTML 8Page - Active-Semi, Inc ACT361_14 Datasheet HTML 9Page - Active-Semi, Inc ACT361_14 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ACT361
Rev 8, 14-Nov-12
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
in a constant secondary side output current profile.
The energy transferred to the output during each
switching cycle is ½(LP × ILIM
2) × η, where LP is the
transformer primary inductance, ILIM is the primary
peak current, and η is the conversion efficiency.
From this formula, the constant output current can
be derived:
where fSW is the switching frequency and VOUTCV is
the nominal secondary output voltage.
The constant current operation typically extends
down to lower than 40% of nominal output voltage
regulation.
Primary Inductance Compensation
The ACT361 integrates a built-in proprietary
(patent-pending) primary inductance compensation
circuit to maintain constant current regulation
despite variations in transformer manufacturing.
The compensated range is ±7%.
Primary Inductor Current Limit Compensation
The ACT361 integrates a primary inductor peak
current limit compensation circuit to achieve
constant input power over line and load ranges.
Protection
The ACT361 incorporates multiple protection
functions including over-voltage, over-current and
over-temperature.
Output Short Circuit Protection
When the secondary side output is short circuited,
the ACT361 enters hiccup mode operation. In this
condition, the VDD voltage drops below the VDDOFF
threshold
and
the
auxiliary
supply
voltage
collapses. This turns off the ACT361 and causes it
to restart. This hiccup behavior continues until the
short circuit is removed.
Output Over Voltage Protection
The
ACT361
includes
output
over-voltage
protection circuitry, which shuts down the IC when
the output voltage is 40% above the normal
regulation voltage for 4 consecutive switching
cycles. The ACT361 enters hiccup mode when an
output over voltage fault is detected.
Over Temperature Shutdown
The thermal shutdown circuitry detects the ACT361
die temperature. The typical over temperature
threshold is 135°C with 20°C hysteresis. When the
die temperature rises above this threshold the
ACT361 is disabled until the die temperature falls
by 20°C, at which point the ACT361 is re-enabled.
TYPICAL APPLICATION
Design Example
The design example below gives the procedure for
a DCM flyback converter using the ACT361. Refer
to Application Circuit in Figure 6, the design for a
charger application starts with the following
specification:
The operation for the circuit shown in Figure 6 is as
follows: the rectifier bridge D1−D4 and the capacitor
C1/C2 convert the AC line voltage to DC. This
voltage supplies the primary winding of the
transformer T1 and the startup resistor R1/R2. The
primary power current path is formed by the
transformer’s primary winding, the NPN transistor,
the ACT361 internal MOSFET and the current
sense resistor R7. The network consisting of
capacitor C3 and diode D5 provides a VDD supply
voltage for ACT361 from the auxiliary winding of the
transformer. C3 is the decoupling capacitor of the
supply voltage and energy storage component for
startup. The diode D7 and the capacitor C7 rectifies
and filters the output voltage. The resistor divider
consisting of R8 and R9 programs the output
voltage.
The minimum and maximum DC input voltages can
be calculated:
FUNCTIONAL DESCRIPTION CONT’D
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ ×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
×
=
OUTCV
SW
2
CS
P
OUTCC
V
f
R
9
.
0
V
396
.
0
L
2
1
I
η
(2)
V
90
F
μ
7
.
4
2
%
70
)
ms
5
.
3
50
2
1
(
5
.
3
2
85
2
C
)
t
f
2
1
(
P
2
V
2
V
2
IN
C
L
OUT
2
ACMIN
INDCMIN
≈
×
×
−
×
×
−
×
=
×
−
−
=
η
(3)
V
375
265
2
V
2
V
ACMAX
INDCMAX
=
×
=
×
=
(4)
Input Voltage Range
85VAC - 265VAC, 50/60Hz
Output Power, PO
3.5W
Output Voltage, VOUTCV
5.0V
OCP Current, IOUTMAX
0.9A
Full Load Current, IOUTFL
0.7A
Transformer Efficiency,
ηxfm
0.9
System Efficiency CC,
ηsystem
0.69
System Efficiency CV,
η
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com