Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT410US-T Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT410US-T
Description  ActivePSRTM Quasi-Resonant PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT410US-T Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT410US-T Datasheet HTML 8Page - Active-Semi, Inc ACT410US-T Datasheet HTML 9Page - Active-Semi, Inc ACT410US-T Datasheet HTML 10Page - Active-Semi, Inc ACT410US-T Datasheet HTML 11Page - Active-Semi, Inc ACT410US-T Datasheet HTML 12Page - Active-Semi, Inc ACT410US-T Datasheet HTML 13Page - Active-Semi, Inc ACT410US-T Datasheet HTML 14Page - Active-Semi, Inc ACT410US-T Datasheet HTML 15Page - Active-Semi, Inc ACT410US-T Datasheet HTML 16Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ACT410
Rev 3, 27-Feb-14
Innovative PowerTM
- 13 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
VDD ON/OFF Voltage vs. Temperature
13.5
12.5
11.5
10.5
9.5
8.5
7.5
6.5
Temperature (°C)
0
40
120
80
-40
VDDOFF
Startup Supply Current vs. Temperature
5
4
3
6
7
8
Supply Current at Operation/Fault Mode
vs. Temperature
0.5
0.4
0.3
0.2
0.6
Maximum/Minimum Switching Frequency vs.
Temperature
100
50
0
150
VCS Voltage vs. Temperature
1.5
1
0.5
0
2
VFB Threshold Voltage vs. Temperature
2.5
2
1.5
VDDON
Temperature (°C)
-40
0
40
80
120
Operation Mode
Fault Mode
Temperature (°C)
-40
0
40
80
120
Temperature (°C)
-40
0
40
80
120
VREF
Temperature (°C)
-40
0
40
80
120
FMAX
FMIN
VCS_Open
VCS Voltage
VCS_Short
Temperature (°C)
-40
0
40
80
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com