Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICRF112 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF112 Datasheet HTML 1Page - Micrel Semiconductor MICRF112 Datasheet HTML 2Page - Micrel Semiconductor MICRF112 Datasheet HTML 3Page - Micrel Semiconductor MICRF112 Datasheet HTML 4Page - Micrel Semiconductor MICRF112 Datasheet HTML 5Page - Micrel Semiconductor MICRF112 Datasheet HTML 6Page - Micrel Semiconductor MICRF112 Datasheet HTML 7Page - Micrel Semiconductor MICRF112 Datasheet HTML 8Page - Micrel Semiconductor MICRF112 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micrel, Inc.
MICRF112
December 2011
4
M9999-120911
(408) 944-0800
Absolute Maximum Ratings (Note 1)
Supply Voltage VDD ...................................................+5.0V
Voltage on PAOUT......................................................+7.2V
Voltage on I/O Pins ............................ VSS–0.3 to VDD+0.3
Storage Temperature Range ....................-65°C to + 150°C
Lead Temperature (soldering, 10 seconds) ............ + 300°C
ESD Rating.................................................................Note 3
Operating Ratings (Note 2)
Supply Voltage VDD ........................................ 1.8V to 3.6V
Ambient Operating Temperature (TA) ...... –40°C to +125°C
Programmable Transmitter Frequency Range:
....................................................... 300MHz to 450MHz
Electrical Characteristics(Note 4)
Specifications apply for VDD = 3.0V, TA = 25°C, FreqREFOSC = 13.560MHz, EN = VDD. Bold values indicate –40°C to 125°C unless
otherwise noted. 1kbps data rate 50% duty cycle. RL 50ohm load (matched)
Parameter
Condition
Min
Typ
Max
Units
Power Supply
Standby supply current, Iq
EN = VSS
.05
1µA
µA
@ 315MHz, POUT = +10dBm
11.2
mA
Mark Supply Current ION
@ 433.92MHz, POUT = +10dBm
11.2
mA
@ 315MHz
2.7
mA
SPACE supply current, IOFF
@ 433.92 MHz
2.7
mA
RF Output Section and Modulation Limits:
@315MHz,
Note 4
10.5
dBm
Output power level, POUT
FSK or ASK "mark"
@433.92MHz,
Note 4
10.5
dBm
@ 630MHz,
Note 4 2nd harm.
-39
dBc
Harmonics output for 315
MHz
@945MHz,
Note 4 3rd harm.
-53
dBc
@ 867.84MHz,
Note 4 2nd harm.
-55
dBc
Harmonics output for
433.92 MHz
@1301.76MHz,
Note 4 3rd harm.
-55
dBc
Extinction ratio for ASK
70
dBc
FSK Modulation
Frequency Deviation
load capacitor = 10pF, crystal type = HC49/U
22
kHz
Data Rate
10
kbps
ASK Modulation
Data Rate
50
kbps
@315MHz, Note 6
<700
kHz
Occupied Bandwidth
@433.92MHz, Note 6
<1000
kHz
VCO Section
@ 100kHz from Carrier
-76
dBc/Hz
315 MHz Single Side Band
Phase Noise
@ 1000kHz from Carrier
-79
dBc/Hz
@ 100kHz from Carrier
-72
dBc/Hz
433.92 MHz Single Side
Band Phase Noise
@ 1000kHz from Carrier
-81
dBc/Hz
Reference Oscillator Section
XTLIN, XTLOUT, XTLMOD
Pin capacitance
2
pF
External Capacitance
See Schematic C17 & C18
18
pF
Oscillator Startup Time
Note 5
Crystal: HC49S
300
µs
Digital / Control Section
Output Blanking
STDBY transition from LOW to HIGH
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com